công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2112R bảng dữ liệu(PDF) 447 Page - Renesas Technology Corp

tên linh kiện H8S/2112R
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  984 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2112R bảng dữ liệu(HTML) 447 Page - Renesas Technology Corp

Back Button H8S/2112R Datasheet HTML 443Page - Renesas Technology Corp H8S/2112R Datasheet HTML 444Page - Renesas Technology Corp H8S/2112R Datasheet HTML 445Page - Renesas Technology Corp H8S/2112R Datasheet HTML 446Page - Renesas Technology Corp H8S/2112R Datasheet HTML 447Page - Renesas Technology Corp H8S/2112R Datasheet HTML 448Page - Renesas Technology Corp H8S/2112R Datasheet HTML 449Page - Renesas Technology Corp H8S/2112R Datasheet HTML 450Page - Renesas Technology Corp H8S/2112R Datasheet HTML 451Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 447 / 984 page
background image
Section 14 Serial Communication Interface (SCI)
Rev. 1.00 May 09, 2008 Page 421 of 954
REJ09B0462-0100
14.8.2
Interrupts in Smart Card Interface Mode
Table 14.13 shows the interrupt sources in smart card interface mode. A TEI interrupt request
cannot be used in this mode.
Table 14.13 SCI Interrupt Sources
Channel
Name
Interrupt Source
Interrupt Flag
Priority
ERI1
Receive error, error signal
detection
ORER, PER, ERS
RXI1
Receive data full
RDRF
High
1
TXI1
Transmit data empty
TEND
Low
In transmission, the TEND and TDRE flags in SSR are simultaneously set to 1, thus generating a
TXI interrupt request. If an error occurs, the SCI automatically re-transmits the same data. During
re-transmission, the TEND flag remains 0. Therefore, the SCI automatically transmits the
specified number of bytes, including re-transmission in the case of error. However, the ERS flag
in SSR, which is set at error occurrence, is not automatically cleared; the ERS flag must be cleared
by previously setting the RIE bit in SCR to 1 to enable an ERI interrupt request to be generated at
error occurrence.
In reception, an RXI interrupt request is generated when the RDRF flag in SSR is set to 1. If an
error occurs, the RDRF flag is not set but the error flag is set. Therefore, an ERI interrupt request
is issued to the CPU instead; the error flag must be cleared.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com