công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2112R bảng dữ liệu(PDF) 448 Page - Renesas Technology Corp

tên linh kiện H8S/2112R
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  984 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2112R bảng dữ liệu(HTML) 448 Page - Renesas Technology Corp

Back Button H8S/2112R Datasheet HTML 444Page - Renesas Technology Corp H8S/2112R Datasheet HTML 445Page - Renesas Technology Corp H8S/2112R Datasheet HTML 446Page - Renesas Technology Corp H8S/2112R Datasheet HTML 447Page - Renesas Technology Corp H8S/2112R Datasheet HTML 448Page - Renesas Technology Corp H8S/2112R Datasheet HTML 449Page - Renesas Technology Corp H8S/2112R Datasheet HTML 450Page - Renesas Technology Corp H8S/2112R Datasheet HTML 451Page - Renesas Technology Corp H8S/2112R Datasheet HTML 452Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 448 / 984 page
background image
Section 14 Serial Communication Interface (SCI)
Rev. 1.00 May 09, 2008 Page 422 of 954
REJ09B0462-0100
14.9
Usage Notes
14.9.1
Module Stop Mode Setting
SCI operation can be disabled or enabled using the module stop control register. The initial setting
is for SCI operation to be halted. Register access is enabled by clearing module stop mode. For
details, see section 26, Power-Down Modes.
14.9.2
Break Detection and Processing
When framing error detection is performed, a break can be detected by reading the RxD pin value
directly. In a break, the input from the RxD pin becomes all 0s, and so the FER flag in SSR is set,
and the PER flag may also be set. Note that, since the SCI continues the receive operation even
after receiving a break, even if the FER flag is cleared to 0, it will be set to 1 again.
14.9.3
Mark State and Break Sending
When the TE bit in SCR is 0, the TxD pin is used as an I/O port whose direction (input or output)
and level are determined by DR and DDR of the port. This can be used to set the TxD pin to mark
state (high level) or send a break during serial data transmission. To maintain the communication
line at mark state until TE is set to 1, set both DDR and DR to 1. Since the TE bit is cleared to 0 at
this point, the TxD pin becomes an I/O port, and 1 is output from the TxD pin. To send a break
during serial transmission, first set DDR to 1 and DR to 0, and then clear the TE bit to 0. When the
TE bit is cleared to 0, the transmitter is initialized regardless of the current transmission state, the
TxD pin becomes an I/O port, and 0 is output from the TxD pin.
14.9.4
Receive Error Flags and Transmit Operations (Clocked Synchronous Mode Only)
Transmission cannot be started when a receive error flag (ORER, FER, or RER) is SSR is set to 1,
even if the TDRE flag in SSR is cleared to 0. Be sure to clear the receive error flags to 0 before
starting transmission. Note also that the receive error flags cannot be cleared to 0 even if the RE
bit in SCR is cleared to 0.
14.9.5
Relation between Writing to TDR and TDRE Flag
Data can be written to TDR irrespective of the TDRE flag status in SSR. However, if the new data
is written to TDR when the TDRE flag is 0, that is, when the previous data has not been
transferred to TSR yet, the previous data in TDR is lost. Be sure to write transmit data to TDR
after verifying that the TDRE flag is set to 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com