| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HD64F2149YV bảng dữ liệu(PDF) 1062 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD64F2149YV bảng dữ liệu(HTML) 1062 Page - Renesas Technology Corp |
|
1062 / 1075 page ![]() Appendix C I/O Port Block Diagrams Rev. 3.00 Jan 18, 2006 page 1034 of 1044 REJ09B0280-0300 C.11 Port B Block Diagram D R QD PBnODR C Reset HIF : XBS (D0, D1) (D0, D1) R Q PBnDDR C Reset EXPE External address write ABW WPBD RESOBF3, 4 (Reset HIRQ3, HIRQ4) WPB External address read RPBO RPB PBn Mode 2, 3 EXPE HIF : LPC LSMI, LSCI output LSMI, LSCI input Output enable WUEMRn Wakeup event interrupt input Hardware standby *1 *2 Legend: WPBD WPB RPBO RPB : Write to PBDDR : Write to PBODR : Read PBODR : Read port B Notes: n = 0, 1 1. Output enable signal 2. Open drain control signal Figure C.40 Port B Block Diagram (Pins PB0 and PB1) |