công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2112 bảng dữ liệu(PDF) 546 Page - Renesas Technology Corp

tên linh kiện H8S/2112
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  894 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2112 bảng dữ liệu(HTML) 546 Page - Renesas Technology Corp

Back Button H8S/2112 Datasheet HTML 542Page - Renesas Technology Corp H8S/2112 Datasheet HTML 543Page - Renesas Technology Corp H8S/2112 Datasheet HTML 544Page - Renesas Technology Corp H8S/2112 Datasheet HTML 545Page - Renesas Technology Corp H8S/2112 Datasheet HTML 546Page - Renesas Technology Corp H8S/2112 Datasheet HTML 547Page - Renesas Technology Corp H8S/2112 Datasheet HTML 548Page - Renesas Technology Corp H8S/2112 Datasheet HTML 549Page - Renesas Technology Corp H8S/2112 Datasheet HTML 550Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 546 / 894 page
background image
Section 17 SMBus 2.0 Interface (SMBUS)
Rev. 1.00 Mar. 18, 2008 Page 522 of 866
REJ09B0451-0100
17.2
Input/Output Pins
Table 17.1 lists the pins used by the SMBUS.
Table 17.1
Pin Configuration
Channel
Symbol*
Input/Output
Function
SCL0
Input/Output
Serial clock input/output pin of SMBUS
0
SDA0
Input/Output
Serial data input/output pin of SMBUS
Note:
*
The suffix 0 indicating the channel is omitted from later descriptions, i.e. the signals are
simply denoted by SCL and SDA.
17.3
Register Descriptions
The PEC calculation module of the SMBUS has the following registers. The register configuration
of the SMBUS is shown below. For details on the registers of the communication function
module, see the description of channel 0 in section 16, I
2C Bus Interface (IIC).
Table 17.2
Register Configuration
Register Name
Abbreviation
R/W
Initial Value
Address
Data Bus
Width
PEC calculation data entry
register
PECX
R/W
H'00
H'FD60
8
PEC calculation data re-entry
register
PECY
R/W
H'00
H'FD61
8
PEC calculation result output
register
PECZ
R
H'00
H'FD63
8
17.3.1
PEC Calculation Data Entry Register (PECX)
PECX holds the data on which the PEC calculation will be performed.
Bit
Bit Name
Initial
Value
R/W
Description
7 to 0
PECX7 to
PECX0
All 0
R/W
PEC Calculation Entry Data 7 to 0
These bits hold the data on which PEC calculation will
be performed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com