công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2112 bảng dữ liệu(PDF) 545 Page - Renesas Technology Corp

tên linh kiện H8S/2112
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  894 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2112 bảng dữ liệu(HTML) 545 Page - Renesas Technology Corp

Back Button H8S/2112 Datasheet HTML 541Page - Renesas Technology Corp H8S/2112 Datasheet HTML 542Page - Renesas Technology Corp H8S/2112 Datasheet HTML 543Page - Renesas Technology Corp H8S/2112 Datasheet HTML 544Page - Renesas Technology Corp H8S/2112 Datasheet HTML 545Page - Renesas Technology Corp H8S/2112 Datasheet HTML 546Page - Renesas Technology Corp H8S/2112 Datasheet HTML 547Page - Renesas Technology Corp H8S/2112 Datasheet HTML 548Page - Renesas Technology Corp H8S/2112 Datasheet HTML 549Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 545 / 894 page
background image
Section 17 SMBus 2.0 Interface (SMBUS)
Rev. 1.00 Mar. 18, 2008 Page 521 of 866
REJ09B0451-0100
Section 17 SMBus 2.0 Interface (SMBUS)
This LSI has a one-channel SMBus 2.0 interface (SMBUS). The SMBUS requires channel 0 of the
I
2C bus interface (IIC) as the communication module.
The SMBUS includes a hardware module that performs the packet error checking (PEC)
calculation.
This section explains the PEC calculation module. For details on the communication functions, see
the description of channel 0 in section 16, I
2C Bus Interface (IIC).
17.1
Features
• Conformance with the SMBus 2.0 interface. Supports transmission/reception formats that
include the PEC.
• Multiplexed usage of channel 0 of the I2C bus module as the communication module
• Includes a PEC calculation module, enabling high-speed CRC-8 calculation by hardware
CRC-8 (8bit Cyclic Redundancy Check): C(x) = x^8 + x^2 + x +1
Internal data bus
Interrupt request
φ
[Legend]
PECX: PEC calculation data entry register
PECY: PEC calculation data re-entry register
PECZ: PEC calculation result output register
SDA0
SCL0
PECX
PEC
calculator
Communication
function module
(IIC channel 0)
PEC calculation module
PECY
PECZ
Figure 17.1 Block Diagram of SMBus Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com