công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2112 bảng dữ liệu(PDF) 543 Page - Renesas Technology Corp

tên linh kiện H8S/2112
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  894 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2112 bảng dữ liệu(HTML) 543 Page - Renesas Technology Corp

Back Button H8S/2112 Datasheet HTML 539Page - Renesas Technology Corp H8S/2112 Datasheet HTML 540Page - Renesas Technology Corp H8S/2112 Datasheet HTML 541Page - Renesas Technology Corp H8S/2112 Datasheet HTML 542Page - Renesas Technology Corp H8S/2112 Datasheet HTML 543Page - Renesas Technology Corp H8S/2112 Datasheet HTML 544Page - Renesas Technology Corp H8S/2112 Datasheet HTML 545Page - Renesas Technology Corp H8S/2112 Datasheet HTML 546Page - Renesas Technology Corp H8S/2112 Datasheet HTML 547Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 543 / 894 page
background image
Section 16 I
2C Bus Interface (IIC)
Rev. 1.00 Mar. 18, 2008 Page 519 of 866
REJ09B0451-0100
Table 16.11 I
2C Bus Timing (with Maximum Influence of t
Sr/tSf)
Time Indication (at Maximum Transfer Rate) [ns]
Item
t
cyc Indication
t
Sr/tSf
Influence
(Max.)
I
2C Bus
Specifi-
cation
(Min.)
φ =
8 MHz
φ =
10 MHz
φ =
16 MHz
φ =
20 MHz
φ =
25 MHz
Standard mode
–1000
4000
4000
4000
4000
4000
4000
t
SCLHO
0.5 t
SCLO (–tSr)
High-speed
mode
–300
600
950
950
950
950
950
Standard mode
–250
4700
4750
4750
4750
4750
4750
t
SCLLO
0.5 t
SCLO (–tSf)
High-speed
mode
–250
1300
1000*
1
1000*
1
1000*
1
1000*
1
1000*
1
Standard mode
–1000
4700
3875*
1
3900*
1
3939*
1
3950*
1
3960*
1
t
BUFO
0.5 t
SCLO –1 tcyc
(–t
Sr)
High-speed
mode
–300
1300
825*
1
850*
1
888*
1
900*
1
910*
1
Standard mode
–250
4000
4625
4650
4688
4700
4710
t
STAHO
0.5 t
SCLO –1 tcyc
(–t
Sf)
High-speed
mode
–250
600
875
900
938
950
960
Standard mode
–1000
4700
9000
9000
9000
9000
9000
t
STASO
1 t
SCLO (–tSr)
High-speed
mode
–300
600
2200
2200
2200
2200
2200
Standard mode
–1000
4000
4250
4200
4125
4100
4080
t
STOSO
0.5 t
SCLO + 2 tcyc
(–t
Sr)
High-speed
mode
–300
600
1200
1150
1075
1050
1030
Standard mode
–1000
250
3325
3400
3513
3550
3580
t
SDASO
(master)
1 t
SCLLO*
3 –3 t
cyc
(–t
Sr)
High-speed
mode
–300
100
625
700
813
850
850
Standard mode
–1000
250
2200
2500
2950
3100
3220
t
SDASO
(slave)
1 t
SCLL*
3
–12 t
cyc*
2
(–t
Sr)
High-speed
mode
–300
100
–500*
1
–200*
1
250
400
400
Standard mode
0
0
375
300
188
150
520
t
SDAHO
3 t
cyc
High-speed
mode
0
0
375
300
188
150
120
Notes: 1. Does not meet the I
2C bus interface specification. Remedial action such as the following
is necessary: (a) secure a start/stop condition issuance interval; (b) adjust the rise and
fall times by means of a pull-up resistor and capacitive load; (c) reduce the transfer rate;
(d) select slave devices whose input timing permits this output timing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com