công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2112 bảng dữ liệu(PDF) 542 Page - Renesas Technology Corp

tên linh kiện H8S/2112
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  894 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2112 bảng dữ liệu(HTML) 542 Page - Renesas Technology Corp

Back Button H8S/2112 Datasheet HTML 538Page - Renesas Technology Corp H8S/2112 Datasheet HTML 539Page - Renesas Technology Corp H8S/2112 Datasheet HTML 540Page - Renesas Technology Corp H8S/2112 Datasheet HTML 541Page - Renesas Technology Corp H8S/2112 Datasheet HTML 542Page - Renesas Technology Corp H8S/2112 Datasheet HTML 543Page - Renesas Technology Corp H8S/2112 Datasheet HTML 544Page - Renesas Technology Corp H8S/2112 Datasheet HTML 545Page - Renesas Technology Corp H8S/2112 Datasheet HTML 546Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 542 / 894 page
background image
Section 16 I
2C Bus Interface (IIC)
Rev. 1.00 Mar. 18, 2008 Page 518 of 866
REJ09B0451-0100
4. The I
2C bus interface specification for the SCL rise time t
sr is 1000 ns or less (300 ns for high-
speed mode). In master mode, the I
2C bus interface monitors the SCL line and synchronizes
one bit at a time during communication. If t
sr (the time for SCL to go from low to VIH) exceeds
the time determined by the input clock of the I
2C bus interface, the high period of SCL is
extended. The SCL rise time is determined by the pull-up resistance and load capacitance of
the SCL line. To insure proper operation at the set transfer rate, adjust the pull-up resistance
and load capacitance so that the SCL rise time does not exceed the values given in table 16.10.
Table 16.10 Permissible SCL Rise Time (t
sr) Values
Time Indication [ns]
IICX t
cyc Indication
I
2C Bus
Specification
(Max.)
φ =
8 MHz
φ =
10 MHz
φ =
16 MHz
φ =
20 MHz
φ =
25 MHz
Standard mode
1000
937
750
468
375
300
0
7.5 t
cyc
High-speed mode
300
←
←
←
←
←
Standard mode
1000
←
←
←
875
700
1
17.5 t
cyc
High-speed mode
300
←
←
←
←
←
5. The I
2C bus interface specifications for the SCL and SDA rise and fall times are under 1000 ns
and 300 ns. The I
2C bus interface SCL and SDA output timing is prescribed by t
cyc, as shown in
table 16.11. However, because of the rise and fall times, the I
2C bus interface specifications
may not be satisfied at the maximum transfer rate. Table 16.11 shows output timing
calculations for different operating frequencies, including the worst-case influence of rise and
fall times.
t
BUFO fails to meet the I
2C bus interface specifications at any frequency. The solution is either (a)
to provide coding to secure the necessary interval (approximately 1 µs) between issuance of a
stop condition and issuance of a start condition, or (b) to select devices whose input timing
permits this output timing for use as slave devices connected to the I
2C bus.
t
SCLLO in high-speed mode and tSTASO in standard mode fail to satisfy the I
2C bus interface
specifications for worst-case calculations of t
Sr/tSf. Possible solutions that should be
investigated include (a) adjusting the rise and fall times by means of a pull-up resistor and
capacitive load, (b) reducing the transfer rate to meet the specifications, or (c) selecting devices
whose input timing permits this output timing for use as slave devices connected to the I
2C
bus.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com