công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2112 bảng dữ liệu(PDF) 538 Page - Renesas Technology Corp

tên linh kiện H8S/2112
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  894 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2112 bảng dữ liệu(HTML) 538 Page - Renesas Technology Corp

Back Button H8S/2112 Datasheet HTML 534Page - Renesas Technology Corp H8S/2112 Datasheet HTML 535Page - Renesas Technology Corp H8S/2112 Datasheet HTML 536Page - Renesas Technology Corp H8S/2112 Datasheet HTML 537Page - Renesas Technology Corp H8S/2112 Datasheet HTML 538Page - Renesas Technology Corp H8S/2112 Datasheet HTML 539Page - Renesas Technology Corp H8S/2112 Datasheet HTML 540Page - Renesas Technology Corp H8S/2112 Datasheet HTML 541Page - Renesas Technology Corp H8S/2112 Datasheet HTML 542Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 538 / 894 page
background image
Section 16 I
2C Bus Interface (IIC)
Rev. 1.00 Mar. 18, 2008 Page 514 of 866
REJ09B0451-0100
16.4.8
Noise Canceller
The logic levels at the SCL and SDA pins are routed through noise cancellers before being latched
internally. Figure 16.21 shows a block diagram of the noise canceller.
The noise canceller consists of two cascaded latches and a match detector. The SCL (or SDA) pin
input signal is sampled on the system clock, but is not passed forward to the next circuit unless the
outputs of both latches agree. If they do not agree, the previous value is held.
System clock
cycle
Sampling clock
C
DQ
Latch
C
DQ
Latch
SCL or
SDA input
signal
Match
detector
Internal
SCL or
SDA
signal
Sampling
clock
Figure 16.21 Block Diagram of Noise Canceller
16.4.9
Initialization of Internal State
The IIC has a function for forcible initialization of its internal state if a deadlock occurs during
communication.
Initialization is executed in accordance with the setting of bits CLR3 to CLR0 in ICRES or
clearing ICE bit. For details on the setting of bits CLR3 to CLR0, see section 16.3.7, I
2C Bus
Control Initialization Register (ICRES).
(1)
Scope of Initialization
The initialization executed by this function covers the following items:
• ICDRE and ICDRF internal flags
• Transmit/receive sequencer and internal operating clock counter
• Internal latches for retaining the output state of the SCL and SDA pins (wait, clock, data
output, etc.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com