công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2112 bảng dữ liệu(PDF) 541 Page - Renesas Technology Corp

tên linh kiện H8S/2112
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  894 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2112 bảng dữ liệu(HTML) 541 Page - Renesas Technology Corp

Back Button H8S/2112 Datasheet HTML 537Page - Renesas Technology Corp H8S/2112 Datasheet HTML 538Page - Renesas Technology Corp H8S/2112 Datasheet HTML 539Page - Renesas Technology Corp H8S/2112 Datasheet HTML 540Page - Renesas Technology Corp H8S/2112 Datasheet HTML 541Page - Renesas Technology Corp H8S/2112 Datasheet HTML 542Page - Renesas Technology Corp H8S/2112 Datasheet HTML 543Page - Renesas Technology Corp H8S/2112 Datasheet HTML 544Page - Renesas Technology Corp H8S/2112 Datasheet HTML 545Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 541 / 894 page
background image
Section 16 I
2C Bus Interface (IIC)
Rev. 1.00 Mar. 18, 2008 Page 517 of 866
REJ09B0451-0100
16.6
Usage Notes
1. In master mode, if an instruction to generate a start condition is issued and then an instruction
to generate a stop condition is issued before the start condition is output to the I
2C bus, neither
condition will be output correctly.
2. Either of the following two conditions will start the next transfer. Pay attention to these
conditions when accessing ICDR.
 Write to ICDR when ICE = 1 and TRS = 1 (including automatic transfer from ICDRT to
ICDRS)
 Read from ICDR when ICE = 1 and TRS = 0 (including automatic transfer from ICDRS to
ICDRR)
3. Table 16.9 shows the timing of SCL and SDA outputs in synchronization with the internal
clock. Timings on the bus are determined by the rise and fall times of signals affected by the
bus load capacitance, series resistance, and parallel resistance.
Table 16.9
I
2C Bus Timing (SCL and SDA Outputs)
Item
Symbol
Output Timing
Unit
Notes
SCL output cycle time
t
SCLO
28t
cyc to 256tcyc
ns
SCL output high pulse width
t
SCLHO
0.5t
SCLO
ns
SCL output low pulse width
t
SCLLO
0.5t
SCLO
ns
SDA output bus free time
t
BUFO
0.5t
SCLO – 1tcyc
ns
Start condition output hold time
t
STAHO
0.5t
SCLO – 1tcyc
ns
Retransmission start condition output
setup time
t
STASO
1t
SCLO
ns
Stop condition output setup time
t
STOSO
0.5t
SCLO + 2tcyc
ns
Data output setup time (master)
1t
SCLLO – 3tcyc
Data output setup time (slave)
t
SDASO
1t
SCLL – (6tcyc or
12t
cyc*)
ns
Data output hold time
t
SDAHO
3t
cyc
ns
See figure
26.21 (for
reference)
Note:
*
6t
cyc when IICX is 0, 12tcyc when 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com