công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2112 bảng dữ liệu(PDF) 544 Page - Renesas Technology Corp

tên linh kiện H8S/2112
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  894 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2112 bảng dữ liệu(HTML) 544 Page - Renesas Technology Corp

Back Button H8S/2112 Datasheet HTML 540Page - Renesas Technology Corp H8S/2112 Datasheet HTML 541Page - Renesas Technology Corp H8S/2112 Datasheet HTML 542Page - Renesas Technology Corp H8S/2112 Datasheet HTML 543Page - Renesas Technology Corp H8S/2112 Datasheet HTML 544Page - Renesas Technology Corp H8S/2112 Datasheet HTML 545Page - Renesas Technology Corp H8S/2112 Datasheet HTML 546Page - Renesas Technology Corp H8S/2112 Datasheet HTML 547Page - Renesas Technology Corp H8S/2112 Datasheet HTML 548Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 544 / 894 page
background image
Section 16 I
2C Bus Interface (IIC)
Rev. 1.00 Mar. 18, 2008 Page 520 of 866
REJ09B0451-0100
The values in the above table will vary depending on the settings of the IICX bit and bits
CKS0 to CKS2. Depending on the frequency it may not be possible to achieve the
maximum transfer rate; therefore, whether or not the I
2C bus interface specifications are
met must be determined in accordance with the actual setting conditions.
2. Value when the IICX bit is set to 1. When the IICX bit is cleared to 0, the value is (t
SCLL –
6 t
cyc).
3. Calculated using the I
2C bus specification values (standard mode: 4700 ns min.; high-
speed mode: 1300 ns min.).
6. Note on ICDR read in transmit mode and ICDR write in receive mode
If ICDR is read in transmit mode (TRS = 1) or ICDR is written to in receive mode (TRS = 0),
the SCL pin may not be held low in some cases after transmit/receive operation has been
completed, thus inconveniently allowing clock pulses to be output on the SCL bus line before
ICDR is accessed correctly. To access ICDR correctly, read ICDR after setting receive mode
or write to ICDR after setting transmit mode.
7. Note on ACKE and TRS bits in slave mode
In the I
2C bus interface, if 1 is received as the acknowledge bit value (ACKB = 1) in transmit
mode (TRS = 1) and then the address is received in slave mode without performing appropriate
processing, interrupt handling may start at the rising edge of the 9th clock pulse even when the
address does not match. Similarly, if the start condition or address is transmitted from the
master device in slave transmit mode (TRS = 1), the IRIC flag may be set after the ICDRE flag
is set and 1 received as the acknowledge bit value (ACKB = 1), thus causing an interrupt
source even when the address does not match.
To use the I
2C bus interface module in slave mode, be sure to follow the procedures below.
A. When having received 1 as the acknowledge bit value for the last transmit data at the end
of a series of transmit operation, clear the ACKE bit in ICCR once to initialize the ACKB
bit to 0.
B. Set receive mode (TRS = 0) before the next start condition is input in slave mode.
Complete transmit operation by the procedure shown in figure 16.16, in order to switch
from slave transmit mode to slave receive mode.
16.6.1
Module Stop Mode Setting
The IIC operation can be enabled or disabled using the module stop control register. The initial
setting is for the IIC operation to be halted. Register access is enabled by canceling module stop
mode. For details, see section 24, Power-Down Modes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com