công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2112 bảng dữ liệu(PDF) 547 Page - Renesas Technology Corp

tên linh kiện H8S/2112
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  894 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2112 bảng dữ liệu(HTML) 547 Page - Renesas Technology Corp

Back Button H8S/2112 Datasheet HTML 543Page - Renesas Technology Corp H8S/2112 Datasheet HTML 544Page - Renesas Technology Corp H8S/2112 Datasheet HTML 545Page - Renesas Technology Corp H8S/2112 Datasheet HTML 546Page - Renesas Technology Corp H8S/2112 Datasheet HTML 547Page - Renesas Technology Corp H8S/2112 Datasheet HTML 548Page - Renesas Technology Corp H8S/2112 Datasheet HTML 549Page - Renesas Technology Corp H8S/2112 Datasheet HTML 550Page - Renesas Technology Corp H8S/2112 Datasheet HTML 551Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 547 / 894 page
background image
Section 17 SMBus 2.0 Interface (SMBUS)
Rev. 1.00 Mar. 18, 2008 Page 523 of 866
REJ09B0451-0100
17.3.2
PEC Calculation Data Re-entry Register (PECY)
PECY is a register in which the previous PECZ content is reentered as the PEC calculation is
performed on multiple bytes of data.
When data is written to PECX, the PECZ content is transferred to PECY at the same time.
Bit
Bit Name
Initial
Value
R/W
Description
7 to 0
PECY7 to
PECY0
All 0
R/W
PEC Calculation Re-entry Data 7 to 0
These bits store data that has been transferred from
PECZ for the PEC calculation.
17.3.3
PEC Calculation Result Output Register (PECZ)
PECZ holds the result of CRC-8 calculation from the contents of PECX and PECY.
Bit
Bit Name
Initial
Value
R/W
Description
7 to 0
PECZ7 to
PECZ0
All 0
R
PEC Calculation Output Data 7 to 0
These bits hold the result of PEC calculation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com