công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2112 bảng dữ liệu(PDF) 550 Page - Renesas Technology Corp

tên linh kiện H8S/2112
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  894 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2112 bảng dữ liệu(HTML) 550 Page - Renesas Technology Corp

Back Button H8S/2112 Datasheet HTML 546Page - Renesas Technology Corp H8S/2112 Datasheet HTML 547Page - Renesas Technology Corp H8S/2112 Datasheet HTML 548Page - Renesas Technology Corp H8S/2112 Datasheet HTML 549Page - Renesas Technology Corp H8S/2112 Datasheet HTML 550Page - Renesas Technology Corp H8S/2112 Datasheet HTML 551Page - Renesas Technology Corp H8S/2112 Datasheet HTML 552Page - Renesas Technology Corp H8S/2112 Datasheet HTML 553Page - Renesas Technology Corp H8S/2112 Datasheet HTML 554Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 550 / 894 page
background image
Section 17 SMBus 2.0 Interface (SMBUS)
Rev. 1.00 Mar. 18, 2008 Page 526 of 866
REJ09B0451-0100
Start
Initial setting
Write transmit/receive
data to PECX
Last data?
No
Yes
Read PECZ
Transmit/receive PEC
[1] Write H'0000 to PECX and PECY.
[2] Write transmit/receive data on which PEC calculation
is required to PECX (byte units).
[3] Read PECZ after the PEC calculation of the last
transmit/receive data.
[4] For data transmission, transmit the value in PECZ.
[5] For data reception, compare the received PEC data
with the value in PECZ.
Figure 17.4 Sample Flowchart of PEC Calculation
1. Initialize the PEC calculation module before starting transmission or reception. Use a word-
transfer instruction to write H'0000 to both PECX and PECY, or use byte-transfer instructions
to write H'00 to PECX and then PECY.
2. Write transmit data or receive data to PECX in byte units each time a byte of an address or
data is received or transmitted. However, do not write data to PECY during PEC calculation.
3. After writing the last transmit/receive data to PECX, read PECZ to obtain the result of PEC
calculation.
4. For data transmission, transmit the result of PEC calculation.
5. For data reception, compare the received PEC data with the result of PEC calculation. If the
data match, successful reception has been confirmed.
17.5
Usage Notes
17.5.1
Module Stop Mode Setting
The SMBUS operation can be enabled or disabled using the module stop control register. The
initial setting is for the SMBUS operation to be halted. Register access is enabled by canceling
module stop mode. For details, see section 24, Power-Down Modes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com