| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
R5F72115D160FPV bảng dữ liệu(PDF) 471 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F72115D160FPV bảng dữ liệu(HTML) 471 Page - Renesas Technology Corp |
|
471 / 1228 page ![]() Section 10 Multi-Function Timer Pulse Unit 2 (MTU2) Rev. 2.00 May. 08, 2008 Page 447 of 1200 REJ09B0344-0200 (2) Example of Synchronous Operation Figure 10.13 shows an example of synchronous operation. In this example, synchronous operation and PWM mode 1 have been designated for channels 0 to 2, TGRB_0 compare match has been set as the channel 0 counter clearing source, and synchronous clearing has been set for the channel 1 and 2 counter clearing source. Three-phase PWM waveforms are output from pins TIOC0A, TIOC1A, and TIOC2A. At this time, synchronous presetting, and synchronous clearing by TGRB_0 compare match, are performed for channel 0 to 2 TCNT counters, and the data set in TGRB_0 is used as the PWM cycle. For details of PWM modes, see section 10.4.5, PWM Modes. TCNT0 to TCNT2 values H'0000 TIOC0A TIOC1A TGRB_0 Synchronous clearing by TGRB_0 compare match TGRA_2 TGRA_1 TGRB_2 TGRA_0 TGRB_1 TIOC2A Time Figure 10.13 Example of Synchronous Operation |