công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

R5F72115D160FPV bảng dữ liệu(PDF) 467 Page - Renesas Technology Corp

tên linh kiện R5F72115D160FPV
Giải thích chi tiết về linh kiện  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV bảng dữ liệu(HTML) 467 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 463Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 464Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 465Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 466Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 467Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 468Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 469Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 470Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 471Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 467 / 1228 page
background image
Section 10 Multi-Function Timer Pulse Unit 2 (MTU2)
Rev. 2.00 May. 08, 2008 Page 443 of 1200
REJ09B0344-0200
(b)
Examples of Waveform Output Operation:
Figure 10.8 shows an example of 0 output/1 output.
In this example TCNT has been designated as a free-running counter, and settings have been made
such that 1 is output by compare match A, and 0 is output by compare match B. When the set level
and the pin level coincide, the pin level does not change.
TCNT value
H'FFFF
H'0000
TIOCA
TIOCB
Time
TGRA
TGRB
No change
No change
No change
No change
1 output
0 output
Figure 10.8 Example of 0 Output/1 Output Operation
Figure 10.9 shows an example of toggle output.
In this example, TCNT has been designated as a periodic counter (with counter clearing on
compare match B), and settings have been made such that the output is toggled by both compare
match A and compare match B.
TCNT value
H'FFFF
H'0000
TIOCB
TIOCA
Time
TGRB
TGRA
Toggle output
Toggle output
Counter cleared by TGRB compare match
Figure 10.9 Example of Toggle Output Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More