công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M37702S1AFP bảng dữ liệu(PDF) 27 Page - Renesas Technology Corp

tên linh kiện M37702S1AFP
Giải thích chi tiết về linh kiện  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37702S1AFP bảng dữ liệu(HTML) 27 Page - Renesas Technology Corp

Back Button M37702S1AFP Datasheet HTML 23Page - Renesas Technology Corp M37702S1AFP Datasheet HTML 24Page - Renesas Technology Corp M37702S1AFP Datasheet HTML 25Page - Renesas Technology Corp M37702S1AFP Datasheet HTML 26Page - Renesas Technology Corp M37702S1AFP Datasheet HTML 27Page - Renesas Technology Corp M37702S1AFP Datasheet HTML 28Page - Renesas Technology Corp M37702S1AFP Datasheet HTML 29Page - Renesas Technology Corp M37702S1AFP Datasheet HTML 30Page - Renesas Technology Corp M37702S1AFP Datasheet HTML 31Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 60 page
background image
26
MITSUBISHI MICROCOMPUTERS
M37702M2AXXXFP, M37702M2BXXXFP
M37702S1AFP, M37702S1BFP
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Fig. 31 Pulse period measurement mode operation (example of measuring the interval between the falling edge to next falling one)
After the contents of the counter is transferred to the reload regis-
ter, an interrupt request signal is generated and the interrupt
request bit in the timer Bi interrupt control register is set. However,
no interrupt request signal is generated when the contents of the
counter is transferred first time to the reload register after the
count start flag is set to “1”.
When bit 3 is “1”, the pulse width measurement mode is selected.
Pulse width measurement mode is similar to pulse period mea-
surement mode except that the clock is counted from the fall of the
TBiIN pin input signal to the next rise or from the rise of the input
signal to the next fall as shown in Figure 32.
When timer Bi is read, the contents of the reload register is read.
Note that in this mode, the interval between the fall of the TBiIN pin
input signal to the next rise or from the rise to the next fall must be
at least two cycles of the timer count source.
Timer Bi overflow flag which is bit 5 of time Bi mode register is set
to “1” when the timer Bi counter reaches 000016.
This flag is cleared by writing to corresponding timer Bi mode reg-
ister. This bit is set to “1” at reset.
Fig. 32 Pulse width measurement mode operation
Selected clock
source fi
TBiIN
Reload register
←Counter
Counter
←0
Count start flag
Interrupt request signal
Selected
clock source fi
TBiIN
Reload register
←Counter
Counter
←0
Count start
flag
Interrupt
request signal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com