công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M37702S1AFP bảng dữ liệu(PDF) 17 Page - Renesas Technology Corp

tên linh kiện M37702S1AFP
Giải thích chi tiết về linh kiện  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37702S1AFP bảng dữ liệu(HTML) 17 Page - Renesas Technology Corp

Back Button M37702S1AFP Datasheet HTML 13Page - Renesas Technology Corp M37702S1AFP Datasheet HTML 14Page - Renesas Technology Corp M37702S1AFP Datasheet HTML 15Page - Renesas Technology Corp M37702S1AFP Datasheet HTML 16Page - Renesas Technology Corp M37702S1AFP Datasheet HTML 17Page - Renesas Technology Corp M37702S1AFP Datasheet HTML 18Page - Renesas Technology Corp M37702S1AFP Datasheet HTML 19Page - Renesas Technology Corp M37702S1AFP Datasheet HTML 20Page - Renesas Technology Corp M37702S1AFP Datasheet HTML 21Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 60 page
background image
16
MITSUBISHI MICROCOMPUTERS
M37702M2AXXXFP, M37702M2BXXXFP
M37702S1AFP, M37702S1BFP
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
When bit 2 of the timer Ai mode register is “1”, the output is gener-
ated from TAiOUT pin. The output is toggled each time the contents
of the counter reaches to 000016. When the contents of the count
start flag is “0”, “L” is output from TAiOUT pin.
When bit 2 is “0”, TAiOUT can be used as a normal port pin. When
bit 4 is “0”, TAiIN can be used as a normal port pin. When bit 4 is
“1”, counting is performed only while the input signal from the
TAiIN pin is “H” or “L” as shown in Figure 14. Therefore, this can
be used to measure the pulse width of the TAiIN input signal.
Whether to count while the input signal is “H” or while it is “L” is
determined by bit 3. If bit 3 is “1”, counting is performed while the
TAiIN pin input signal is “H” and if bit 3 is “0”, counting is performed
while it is “L”.
Note that the duration of “H” or “L” on the TAiIN pin must be two or
more cycles of the timer count source.
When data is written to timer Ai register with timer Ai halted, the
same data is also written to the reload register and the counter.
When data is written to timer Ai which is busy, the data is written to
the reload register, but not to the counter. The counter is reloaded
with new data from the reload register at the next reload timer. The
contents of the counter can be read at any time.
When the value set in the timer Ai register is n, the timer frequency
dividing ratio is 1/(n + 1).
Fig. 12 Timer Ai mode register bit configuration during timer mode
70
0 0 : Always “00” in timer mode
0
0 : No pulse output (TAi OUT is normal port pin)
1 : Pulse output
0 ! : No gate function (TAi IN is normal port pin)
1 0 : Count only while TAi IN input is “L”
1 1 : Count only while TAi IN input is “H”
62
3
4
51
00
0 : Always “0” in timer mode
Clock source selection bit
0 0 : Select f2
0 1 : Select f16
1 0 : Select f64
1 1 : Select f512
Timer A0 mode register
5616
Timer A1 mode register
5716
Timer A2 mode register
5816
Timer A3 mode register
5916
Timer A4 mode register
5A16
Addresses



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com