công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M37702S1AFP bảng dữ liệu(PDF) 25 Page - Renesas Technology Corp

tên linh kiện M37702S1AFP
Giải thích chi tiết về linh kiện  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37702S1AFP bảng dữ liệu(HTML) 25 Page - Renesas Technology Corp

Back Button M37702S1AFP Datasheet HTML 21Page - Renesas Technology Corp M37702S1AFP Datasheet HTML 22Page - Renesas Technology Corp M37702S1AFP Datasheet HTML 23Page - Renesas Technology Corp M37702S1AFP Datasheet HTML 24Page - Renesas Technology Corp M37702S1AFP Datasheet HTML 25Page - Renesas Technology Corp M37702S1AFP Datasheet HTML 26Page - Renesas Technology Corp M37702S1AFP Datasheet HTML 27Page - Renesas Technology Corp M37702S1AFP Datasheet HTML 28Page - Renesas Technology Corp M37702S1AFP Datasheet HTML 29Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 60 page
background image
24
MITSUBISHI MICROCOMPUTERS
M37702M2AXXXFP, M37702M2BXXXFP
M37702S1AFP, M37702S1BFP
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
TIMER B
Figure 27 shows a block diagram of timer B.
Timer B has three modes; timer mode, event counter mode, and
pulse period measurement/pulse width measurement mode. The
mode is selected with bits 0 and 1 of the timer Bi mode register
(i = 0 to 2). Each of these modes is described below.
(1) Timer mode [00]
Figure 28 shows the bit configuration of the timer Bi mode register
during timer mode. Bits 0, and 1 of the timer Bi mode register must
always be “0” in timer mode.
Bits 6 and 7 are used to select the clock source. The counting of
the selected clock starts when the count start flag is “1” and stops
when “0”.
As shown in Figure 13, the timer Bi count start flag is at the same
address as the timer Ai count start flag. The count is decremented,
an interrupt occurs, and the interrupt request bit in the timer Bi in-
terrupt control register is set when the contents becomes 000016.
At the same time, the contents of the reload register is stored in
the counter and count is continued.
Timer Bi does not have a pulse output function or a gate function
like timer A.
When data is written to timer Bi halted, it is written to the reload
register and the counter. When data is written to timer Bi which is
busy, the data is written to the reload register, but not to the
counter. The counter is reloaded with new data from the reload
register at the next reload time. The contents of the counter can
be read at any time.
Fig. 27 Timer B block diagram
f2
f16
f64
f512
• Timer
• Pulse period measurement/pulse
width measurement
Polarity selection
and edge pulse
generator
Event counter
Count start flag
Addresses
Timer B0 5116 5016
Timer B1 5316 5216
Timer B2 5516 5416
TBi IN
(i = 0 – 2)
(4016)
Counter reset
circuit
Clock source selection
Data bus (odd)
(Lower 8 bits)
Data bus (even)
(Higher 8 bits)
Counter (16)
Reload register (16)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com