công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M37702S1AFP bảng dữ liệu(PDF) 8 Page - Renesas Technology Corp

tên linh kiện M37702S1AFP
Giải thích chi tiết về linh kiện  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37702S1AFP bảng dữ liệu(HTML) 8 Page - Renesas Technology Corp

Back Button M37702S1AFP Datasheet HTML 4Page - Renesas Technology Corp M37702S1AFP Datasheet HTML 5Page - Renesas Technology Corp M37702S1AFP Datasheet HTML 6Page - Renesas Technology Corp M37702S1AFP Datasheet HTML 7Page - Renesas Technology Corp M37702S1AFP Datasheet HTML 8Page - Renesas Technology Corp M37702S1AFP Datasheet HTML 9Page - Renesas Technology Corp M37702S1AFP Datasheet HTML 10Page - Renesas Technology Corp M37702S1AFP Datasheet HTML 11Page - Renesas Technology Corp M37702S1AFP Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 60 page
background image
7
MITSUBISHI MICROCOMPUTERS
M37702M2AXXXFP, M37702M2BXXXFP
M37702S1AFP, M37702S1BFP
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
CENTRAL PROCESSING UNIT (CPU)
The CPU has ten registers and is shown in Figure 3. Each of
these registers is described below.
ACCUMULATOR A (A)
Accumulator A is the main register of the microcomputer. It con-
sists of 16 bits and the lower 8 bits can be used separately. The
data length flag m determines whether the register is used as 16-
bit register or as 8-bit register. It is used as a 16-bit register when
flag m is “0” and as an 8-bit register when flag m is “1”. Flag m is
a part of the processor status register (PS) which is described
later.
Data operations such as calculations, data transfer, input/output,
etc., is executed mainly through the accumulator.
ACCUMULATOR B (B)
Accumulator B has the same functions as accumulator A, but the
use of accumulator B requires more instruction bytes and execu-
tion cycles than accumulator A.
INDEX REGISTER X (X)
Index register X consists of 16 bits and the lower 8 bits can be
used separately. The index register length flag x determines
whether the register is used as 16-bit register or as 8-bit register.
It is used as a 16-bit register when flag x is “0” and as an 8-bit reg-
ister when flag x is “1”. Flag x is a part of the processor status reg-
ister (PS) which is described later.
In index addressing mode, register X is used as the index register
and the contents of this address is added to obtain the real ad-
dress.
Also, when executing a block transfer instruction MVP or MVN, the
contents of index register X indicate the low-order 16 bits of the
source data address. The third byte of the MVP and MVN is the
high-order 8 bits of the source data address.
INDEX REGISTER Y (Y)
Index register Y consists of 16 bits and the lower 8 bits can be
used separately. The index register length flag x determines
whether the register is used as 16-bit register or as 8-bit register.
It is used as a 16-bit register when flag x is “0” and as an 8-bit reg-
ister when flag x is “1”. Flag x is a part of the processor status
register (PS) which is described later.
In index addressing mode, register Y is used as the index register
and the contents of this address is added to obtain the real ad-
dress.
Also, when executing a block transfer instruction MVP or MVN, the
contents of index register Y indicate the low-order 16 bits of the
destination address. The second byte of the MVP and MVN is the
high-order 8 bits of the destination data address.
Fig. 3 Register structure
70
PG
Program bank register PG
70
DT
Data bank register DT
Carry flag
Zero flag
Interrupt disable flag
Decimal mode flag
Index register length flag
Data length flag
Negative flag
Overflow flag
Processor interrupt priority level IPL
Accumulator A
Accumulator B
Index register X
Index register Y
Stack pointer S
Program counter PC
Direct page register DPR
Processor status register PS
0
AH
AL
15
0
7
BH
BL
15
0
7
XH
XL
15
0
7
YH
YL
15
0
7
15
0
PC
15
0
15
0
DPR
7
15
0
N
IPL2
IPL0
IPL1
C
Z
I
D
x
m
V
00 00
S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com