công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M37702S1AFP bảng dữ liệu(PDF) 24 Page - Renesas Technology Corp

tên linh kiện M37702S1AFP
Giải thích chi tiết về linh kiện  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37702S1AFP bảng dữ liệu(HTML) 24 Page - Renesas Technology Corp

Back Button M37702S1AFP Datasheet HTML 20Page - Renesas Technology Corp M37702S1AFP Datasheet HTML 21Page - Renesas Technology Corp M37702S1AFP Datasheet HTML 22Page - Renesas Technology Corp M37702S1AFP Datasheet HTML 23Page - Renesas Technology Corp M37702S1AFP Datasheet HTML 24Page - Renesas Technology Corp M37702S1AFP Datasheet HTML 25Page - Renesas Technology Corp M37702S1AFP Datasheet HTML 26Page - Renesas Technology Corp M37702S1AFP Datasheet HTML 27Page - Renesas Technology Corp M37702S1AFP Datasheet HTML 28Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 60 page
background image
23
MITSUBISHI MICROCOMPUTERS
M37702M2AXXXFP, M37702M2BXXXFP
M37702S1AFP, M37702S1BFP
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Therefore, if the low order 8-bit of the reload register is n, the pe-
riod of the generated pulse is
The high order 8-bit function as an 8-bit length pulse width modu-
lator using this pulse as input. The operation is the same as for
16-bit length pulse width modulator except that the length is 8 bits.
If the high order 8-bit of the reload register is m, the duration “H” of
pulse is
And the output pulse period is
1
selected clock frequency
! (n + 1).
1
selected clock frequency
! (n + 1) ! m.
1
selected clock frequency
! (n + 1) ! (28 – 1).
Fig. 25 16-bit length pulse width modulator output pulse example
Fig. 26 8-bit length pulse width modulator output pulse example
Selected clock
source fi
TAiIN
(in case of the
rising edge)
TAiOUT
1 / fi ! (216 – 1)
1 / fi ! (m)
This trigger is not accepted
Example when the contents of the reload register is 0003 16.
Selected clock
source fi
8-bit length pulse
width modulator
output
(when m = 2)
TAiIN
(in case of the
falling edge)
1 / fi ! (n + 1)
1 / fi ! (n + 1) ! (m)
1 / fi ! (n + 1) ! (28 – 1)
(when n = 2)
Prescaler output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com