| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M37702S1AFP bảng dữ liệu(PDF) 45 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M37702S1AFP bảng dữ liệu(HTML) 45 Page - Renesas Technology Corp |
|
45 / 60 page ![]() 44 MITSUBISHI MICROCOMPUTERS M37702M2AXXXFP, M37702M2BXXXFP M37702S1AFP, M37702S1BFP SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER CLOCK GENERATING CIRCUIT Figure 55 shows a block diagram of the clock generator. When an STP instruction is executed, the internal clock φ stops oscillating at “L” level. At the same time, FFF16 is written to watch- dog timer and the watchdog timer input connection is forced to f32. This connection is broken and connected to the input determined by the watchdog timer frequency selection flag when the most sig- nificant bit of the watchdog timer is cleared or reset. Oscillation resumes when an interrupt is received, but the internal clock φ remains at “L” level until the most significant bit of the watchdog timer is cleared. This is to avoid the unstable interval at the start of oscillation when using a ceramic resonator. When a WIT instruction is executed, the internal clock φ stops at “L” level, but the oscillator does not stop. The clock is restarted when an interrupt is received. Instructions can be executed imme- diately because the oscillator is not stopped. The stop or wait state is released when an interrupt is received or when reset is issued. Therefore, interrupts must be enabled be- fore executing a STP or WIT instruction. Figure 56 shows a circuit example using a ceramic (or quartz crys- tal) resonator. Use the manufacture’s recommended values for constants such as capacitance which differ for each resonator. Figure 57 shows an example of using an external clock signal. Fig. 56 Circuit using a ceramic resonator Fig. 57 External clock input circuit Fig. 55 Block diagram of a clock generator 1M Ω Rd XIN XOUT M37702M2AXXXFP 30 29 XIN XOUT Open External clock source Vcc Vss 30 M37702M2AXXXFP 29 XOUT XIN Watchdog timer Interrupt request WIT instruction Q S R QS R STP instruction STP instruction Reset Q S R Internal clock φ f2 f16 f32 f64 f512 1/2 1/8 1/2 1/2 1/8 |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |