| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HD404848FS bảng dữ liệu(PDF) 16 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD404848FS bảng dữ liệu(HTML) 16 Page - Renesas Technology Corp |
|
16 / 127 page ![]() HD404849 Series 14 Functional Description Registers and Flags The MCU has nine registers and two flags for CPU operations. They are shown in figure 8 and described below. 30 30 30 30 30 30 0 0 0 13 95 1 (B) (A) (W) (X) (Y) (SPX) (SPY) (CA) (ST) (PC) (SP) 11 11 Accumulator B register W register X register Y register SPX register SPY register Carry Status Program counter Initial value: 0, no R/W Stack pointer Initial value: $3FF, no R/W 0 0 Initial value: Undefined, R/W Initial value: Undefined, R/W Initial value: Undefined, R/W Initial value: Undefined, R/W Initial value: Undefined, R/W Initial value: Undefined, R/W Initial value: Undefined, R/W Initial value: Undefined, R/W Initial value: 1, no R/W Figure 8 Registers and Flags Accumulator (A), B Register (B): Four-bit registers used to hold the results from the arithmetic logic unit (ALU) and transfer data between memory, I/O, and other registers. W Register (W), X Register (X), Y Register (Y): Two-bit (W) and four-bit (X and Y) registers used for indirect RAM addressing. The Y register is also used for D-port addressing. |