| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HD404848FS bảng dữ liệu(PDF) 95 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD404848FS bảng dữ liệu(HTML) 95 Page - Renesas Technology Corp |
|
95 / 127 page ![]() HD404849 Series 93 A/D Mode Register (AMR: $016): Four-bit write-only register which selects the A/D conversion period and indicates analog input pin information. Bit 0 of the A/D mode register selects the A/D conversion period, and bits 1 to 3 select a channel, as shown in figure 78. Bit Initial value Read/Write Bit name 3 0 W AMR3 2 0 W AMR2 0 0 W AMR0 1 0 W AMR1 A/D mode register (AMR: $016) AMR0 0 1 Conversion time 34tcyc 67tcyc AMR3 0 0 1 1 0 0 1 1 AMR2 0 1 0 1 0 1 0 1 Analog input selection AN0 AN1 AN2 AN3 AN4 AN5 AN6 AN7 AMR1 0 0 0 0 1 1 1 1 Figure 78 A/D Mode Register (AMR) |