công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HD404848FS bảng dữ liệu(PDF) 78 Page - Renesas Technology Corp

tên linh kiện HD404848FS
Giải thích chi tiết về linh kiện  4-Bit Single-Chip Microcomputer
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD404848FS bảng dữ liệu(HTML) 78 Page - Renesas Technology Corp

Back Button HD404848FS Datasheet HTML 74Page - Renesas Technology Corp HD404848FS Datasheet HTML 75Page - Renesas Technology Corp HD404848FS Datasheet HTML 76Page - Renesas Technology Corp HD404848FS Datasheet HTML 77Page - Renesas Technology Corp HD404848FS Datasheet HTML 78Page - Renesas Technology Corp HD404848FS Datasheet HTML 79Page - Renesas Technology Corp HD404848FS Datasheet HTML 80Page - Renesas Technology Corp HD404848FS Datasheet HTML 81Page - Renesas Technology Corp HD404848FS Datasheet HTML 82Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 127 page
background image
HD404849 Series
76
• Timer read register D (TRDL: $011, TRDU: $012): Read-only register consisting of a lower digit
(TRDL) and upper digit (TRDU). See figures 63 and 64. The operation of timer read register D is
basically the same as that of timer read register B (TRBL: $00A, TRBU: $00B).
When the input capture timer operation is selected and if the count of timer D is read after a trigger is
input, either the lower or upper digit can be read first.
Bit
Initial value
Read/Write
Bit name
3
Undefined
R
TRDL3
2
Undefined
R
TRDL2
0
Undefined
R
TRDL0
1
Undefined
R
TRDL1
Timer read register D (lower digit) (TRDL: $011)
Figure 63 Timer Read Register D Lower Digit (TRDL)
Bit
Initial value
Read/Write
Bit name
3
Undefined
R
TRDU3
2
Undefined
R
TRDU2
0
Undefined
R
TRDU0
Timer read register D (upper digit) (TRDU: $012)
1
Undefined
R
TRDU1
Figure 64 Timer Read Register D Upper Digit (TRDU)
• Port mode register C (PMRC: $025): Write-only register that selects R2
0/EVND pin function as shown
in figure 50. It is reset to $0 by MCU reset.
• Detection edge select register 2 (ESR2: $027): Write-only register that selects the detection edge of
signals input to pin EVND as shown in figure 65. It is reset to $0 by MCU reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More