công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HD404848FS bảng dữ liệu(PDF) 92 Page - Renesas Technology Corp

tên linh kiện HD404848FS
Giải thích chi tiết về linh kiện  4-Bit Single-Chip Microcomputer
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD404848FS bảng dữ liệu(HTML) 92 Page - Renesas Technology Corp

Back Button HD404848FS Datasheet HTML 88Page - Renesas Technology Corp HD404848FS Datasheet HTML 89Page - Renesas Technology Corp HD404848FS Datasheet HTML 90Page - Renesas Technology Corp HD404848FS Datasheet HTML 91Page - Renesas Technology Corp HD404848FS Datasheet HTML 92Page - Renesas Technology Corp HD404848FS Datasheet HTML 93Page - Renesas Technology Corp HD404848FS Datasheet HTML 94Page - Renesas Technology Corp HD404848FS Datasheet HTML 95Page - Renesas Technology Corp HD404848FS Datasheet HTML 96Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 127 page
background image
HD404849 Series
90
Bit
Initial value
Read/Write
Bit name
3
Undefined
R/W
SR7
2
Undefined
R/W
SR6
0
Undefined
R/W
SR4
1
Undefined
R/W
SR5
Serial data register (upper digit) (SRU: $007)
Figure 73 Serial Data Register (SRU)
LSB
MSB
12
34
5
67
8
Transmit clock
Serial output
data
Serial input data
latch timing
Figure 74 Serial Interface Input/Output Timing
Port Mode Register A (PMRA: $004): This register has the following functions (figure 75).
• R2
2/SI pin function selection
• R2
3/SO pin function selection
Port mode register A (PMRA: $004) is a 2-bit write-only register, and is reset to $0 by MCU reset.
Bit
Initial value
Read/Write
Bit name
3
—
—
Not used
2
—
—
Not used
0
0
W
PMRA0
1
0
W
PMRA1
PMRA0
0
1
R23/SO mode selection
R23
SO
Port mode register A (PMRA: $004)
PMRA1
0
1
R22/SI mode selection
R22
SI
Figure 75 Port Mode Register A (PMRA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More