| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HD404848FS bảng dữ liệu(PDF) 71 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD404848FS bảng dữ liệu(HTML) 71 Page - Renesas Technology Corp |
|
71 / 127 page ![]() HD404849 Series 69 • Timer read register C (TRCL: $00E, TRCU: $00F): Read-only register consisting of a lower digit (TRCL) and upper digit (TRCU) that holds the count of the timer C upper digit. See figures 56 and 57. The operation of timer read register C is basically the same as that of timer read register B (TRBL: $00A, TRBU: $00B). Bit Initial value Read/Write Bit name 3 Undefined R TRCL3 2 Undefined R TRCL2 0 Undefined R TRCL0 1 Undefined R TRCL1 Timer read register C (lower digit) (TRCL: $00E) Figure 56 Timer Read Register C Lower Digit (TRCL) Bit Initial value Read/Write Bit name 3 Undefined R TRCU3 2 Undefined R TRCU2 0 Undefined R TRCU0 1 Undefined R TRCU1 Timer read register C (upper digit) (TRCU: $00F) Figure 57 Timer Read Register C Upper Digit (TRCU) Timer D Timer D Functions: Timer D has the following functions. • Free-running/reload timer • External event counter • Timer output operation (toggle, 0, 1, and PWM outputs) • Input capture timer The block diagram for each operation mode of timer D is shown in figures 58-1 and 58-2. |