| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HD404324FS bảng dữ liệu(PDF) 24 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD404324FS bảng dữ liệu(HTML) 24 Page - Renesas Technology Corp |
|
24 / 103 page ![]() HD404054 Series/HD404094 Series 22 Timer D Interrupt Mask (IMTD: $003, Bit 1): Prevents (masks) an interrupt request caused by the timer D interrupt request flag, as listed in table 12. Table 12 Timer D Interrupt Mask (IMTD: $003, Bit 1) IMTD Interrupt Request 0 Enabled 1 Disabled (masked) Serial Interrupt Request Flags (IFS1: $003, Bit 2): Set when data transfer is completed or when data transfer is suspended, as listed in table 13. Table 13 Serial Interrupt Request Flag (IFS1: $003, Bit 2) IFS1 Interrupt Request 0No 1 Yes Serial Interrupt Masks (IMS1: $003, Bit 3): Prevents (masks) an interrupt request caused by the serial interrupt request flag, as listed in table 14. Table 14 Serial Interrupt Mask (IMS1: $003, Bit 3) IMS1 Interrupt Request 0 Enabled 1 Disabled (masked) |