| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HD404324FS bảng dữ liệu(PDF) 4 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD404324FS bảng dữ liệu(HTML) 4 Page - Renesas Technology Corp |
|
4 / 103 page ![]() HD404054 Series/HD404094 Series 2 • Six interrupt sources Two by external sources Four by internal sources • Subroutine stack up to 16 levels, including interrupts • Two low-power dissipation modes Standby mode Stop mode • One external input for transition from stop mode to active mode • Instruction cycle time: 1 µs (f OSC = 4 MHz at 1/4 division ratio) 1/4, or 1/32 division ratio can be selected by hardware • Two operating modes MCU mode MCU/PROM mode (HD4074054, HD4074094) Ordering Information Product Name Type HD404054 Series HD404094 Series ROM (words) RAM (digit) Package Mask ROM HD404052H HD404092H 2,048 512 FP-44A HD404052S HD404092S DP-42S HD40A4052H FP-44A HD40A4052S DP-42S HD404054H HD404094H 4,096 FP-44A HD404054S HD404094S DP-42S HD40A4054H FP-44A HD40A4054S DP-42S ZTAT ™ HD4074054H HD4074094H 4,096 FP-44A HD4074054S HD4074094S DP-42S ZTAT ™: Zero Turn Around Time ZTAT is a trademark of Hitachi, Ltd. |