| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HD404324FS bảng dữ liệu(PDF) 37 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD404324FS bảng dữ liệu(HTML) 37 Page - Renesas Technology Corp |
|
37 / 103 page ![]() HD404054 Series/HD404094 Series 35 Table 21 Circuit Configurations of I/O Pins Pins I/O Pin Type Circuit HD404054 Series HD404094 Series Input/output pins VCC VCC Pull-up control signal Buffer control signal Output data Input data HLT MIS3 DCD, DCR PDR Input control signal D 4–D 9, R0–R4 D 8, D9, R0–R4 VCC DCD, DCR PDR Pull-down control signal Buffer control signal Output data MIS3 HLT Input data Input control signal D 0–D 3 D 0–D 3 VCC VCC Pull-up control signal Buffer control signal Output data Input data HLT MIS3 DCR PDR Input control signal MIS2 R4 3 R4 3 Output pins Output data HLT PDR DCD —D 4–D 7 |