| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HD404324FS bảng dữ liệu(PDF) 61 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD404324FS bảng dữ liệu(HTML) 61 Page - Renesas Technology Corp |
|
61 / 103 page ![]() HD404054 Series/HD404094 Series 59 • Timer mode register D2 (TMD2: $015): Four-bit read/write register that selects the timer D output mode and input capture operation as shown in figure 42. It is reset to $0 by MCU reset. Bit Initial value Read/Write Bit name 3 0 R/W TMD23 2 0 R/W TMD22 0 0 R/W TMD20 1 0 R/W TMD21 Timer mode register D2 (TMD2: $015) TMD22 TMD20 0 1 0 1 0 1 0 1 TMD21 0 1 0 1 0 1 R32/TOD mode selection R32 TOD TOD TOD — TOD R32 R32 port Toggle output 0 output 1 output Inhibited PWM output Input capture (R32 port) TMD23 0 1 ×× × × : Don’t care Figure 42 Timer Mode Register D2 (TMD2) • Timer write register D (TWDL: $011, TWDU: $012): Write-only register consisting of a lower digit (TWDL) and an upper digit (TWDU) as shown in figures 43 and 44. The operation of timer write register D is basically the same as that of timer write register C (TWCL: $00E, TWCU: $00F). Bit Initial value Read/Write Bit name 3 0 W TWDL3 2 0 W TWDL2 0 0 W TWDL0 1 0 W TWDL1 Timer write register D (lower digit) (TWDL: $011) Figure 43 Timer Write Register D Lower Digit (TWDL) |