| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HD404324FS bảng dữ liệu(PDF) 102 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD404324FS bảng dữ liệu(HTML) 102 Page - Renesas Technology Corp |
|
102 / 103 page ![]() HD404054 Series/HD404094 Series 100 HD404092/HD404094 Option List Please check off the appropriate applications and enter the necessary information. 2. ROM code media Date of order Customer Department Name ROM code name LSI number EPROM: Ceramic oscillator Crystal oscillator External clock f = MHz f = MHz f = MHz 3. Oscillator for OSC1 and OSC2 The upper bits and lower bits are mixed together. The upper five bits and lower five bits are programmed to the same EPROM in alternating order (i.e., LULULU...). EPROM: The upper bits and lower bits are separated. The upper five bits and lower five bits are programmed to different EPROMS. HD404092: 2-kword HD404094: 4-kword 1. ROM size DP-42S FP-44A 5. Package Please specify the first type below (the upper bits and lower bits are mixed together), when using the EPROM on-package microcomputer type (including ZTAT™ version). Used Not used 4. Stop mode // |