công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PC48F4400PLPB0 bảng dữ liệu(PDF) 97 Page - Numonyx B.V

tên linh kiện PC48F4400PLPB0
Giải thích chi tiết về linh kiện  Numonyx Wireless Flash Memory (W18)
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NUMONYX [Numonyx B.V]
Trang chủ  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

PC48F4400PLPB0 bảng dữ liệu(HTML) 97 Page - Numonyx B.V

Back Button PC48F4400PLPB0 Datasheet HTML 93Page - Numonyx B.V PC48F4400PLPB0 Datasheet HTML 94Page - Numonyx B.V PC48F4400PLPB0 Datasheet HTML 95Page - Numonyx B.V PC48F4400PLPB0 Datasheet HTML 96Page - Numonyx B.V PC48F4400PLPB0 Datasheet HTML 97Page - Numonyx B.V PC48F4400PLPB0 Datasheet HTML 98Page - Numonyx B.V PC48F4400PLPB0 Datasheet HTML 99Page - Numonyx B.V PC48F4400PLPB0 Datasheet HTML 100Page - Numonyx B.V PC48F4400PLPB0 Datasheet HTML 101Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 102 page
background image
November 2007
Datasheet
Order Number: 290701-18
97
Numonyx™ Wireless Flash Memory (W18)
Table 47: Partition Region 1 Information
Offset
(1)
See table below
P = 39h
Description
Address
Bottom
Top
(Optional flash features and commands)
Len
Bot
Top
(P+1A)h (P+1A)h Number of identical partitions within the partition region
2
53:
53:
(P+1B)h (P+1B)h
54:
54:
(P+1C)h (P+1C)h
1
55:
55:
(P+1D)h (P+1D)h
1
56:
56:
(P+1E)h (P+1E)h
1
57:
57:
(P+1F)h (P+1F)h
1
58:
58:
(P+20)h
(P+20)h Partition Region 1 Erase Block Type 1 Information
4
59:
59:
(P+21)h
(P+21)h
bits 0–15 = y, y+1 = number of identical-size erase blocks
5A:
5A:
(P+22)h
(P+22)h
bits 16–31 = z, region erase block(s) size are z x 256 bytes
5B:
5B:
(P+23)h
(P+23)h
5C:
5C:
(P+24)h
(P+24)h Partition 1 (Erase Block Type 1)
25D:
5D:
(P+25)h
(P+25)h
Minimum block erase cycles x 1000
5E:
5E:
(P+26)h
(P+26)h
1
5F:
5F:
(P+27)h
(P+27)h
1
60:
60:
(P+28)h
Partition Region 1 Erase Block Type 2 Information
4
61:
(P+29)h
bits 0–15 = y, y+1 = number of identical-size erase blocks
62:
(P+2A)h
bits 16–31 = z, region erase block(s) size are z x 256 bytes
63:
(P+2B)h
(bottom parameter device only)
64:
(P+2C)h
Partition 1 (Erase block Type 2)
2
65:
(P+2D)h
Minimum block erase cycles x 1000
66:
(P+2E)h
1
67:
(P+2F)h
1
68:
Simultaneous program or erase operations allowed in other
partitions while a partition in this region is in Program mode
bits 0–3 = number of simultaneous Program operations
bits 4–7 = number of simultaneous Erase operations
Simultaneous program or erase operations allowed in other
partitions while a partition in this region is in Erase mode
bits 0–3 = number of simultaneous Program operations
bits 4–7 = number of simultaneous Erase operations
Number of program or erase operations allowed in a partition
bits 0–3 = number of simultaneous Program operations
bits 4–7 = number of simultaneous Erase operations
Partition 1 (erase block Type 1) bits per cell; internal ECC
bits 0–3 = bits per cell in erase region
bit 4 = reserved for “internal ECC used” (1=yes, 0=no)
bits 5–7 = reserve for future use
Partition 1 (erase block Type 1) page mode and synchronous
mode capabilities defined in Table 10.
bit 0 = page-mode host reads permitted (1=yes, 0=no)
bit 1 = synchronous host reads permitted (1=yes, 0=no)
bit 2 = synchronous host writes permitted (1=yes, 0=no)
bits 3–7 = reserved for future use
Partition 1 (Erase block Type 2) bits per cell
bits 0–3 = bits per cell in erase region
bit 4 = reserved for “internal ECC used” (1=yes, 0=no)
bits 5–7 = reserve for future use
Partition 1 (Erase block Type 2) pagemode and synchronous
mode capabilities defined in Table 10
bit 0 = page-mode host reads permitted (1=yes, 0=no)
bit 1 = synchronous host reads permitted (1=yes, 0=no)
bit 2 = synchronous host writes permitted (1=yes, 0=no)
bits 3–7 = reserved for future use
Types of erase block regions in this Partition Region.
x = 0 = no erase blocking; the Partition Region erases in bulk
x = number of erase block regions w/ contiguous same-size
erase blocks. Symmetrically blocked partitions have one
blocking region. Partition size = (Type 1 blocks)x(Type 1
block sizes) + (Type 2 blocks)x(Type 2 block sizes) +…+
(Type n blocks)x(Type n block sizes)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com