công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PC48F4400PLPB0 bảng dữ liệu(PDF) 77 Page - Numonyx B.V

tên linh kiện PC48F4400PLPB0
Giải thích chi tiết về linh kiện  Numonyx Wireless Flash Memory (W18)
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NUMONYX [Numonyx B.V]
Trang chủ  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

PC48F4400PLPB0 bảng dữ liệu(HTML) 77 Page - Numonyx B.V

Back Button PC48F4400PLPB0 Datasheet HTML 73Page - Numonyx B.V PC48F4400PLPB0 Datasheet HTML 74Page - Numonyx B.V PC48F4400PLPB0 Datasheet HTML 75Page - Numonyx B.V PC48F4400PLPB0 Datasheet HTML 76Page - Numonyx B.V PC48F4400PLPB0 Datasheet HTML 77Page - Numonyx B.V PC48F4400PLPB0 Datasheet HTML 78Page - Numonyx B.V PC48F4400PLPB0 Datasheet HTML 79Page - Numonyx B.V PC48F4400PLPB0 Datasheet HTML 80Page - Numonyx B.V PC48F4400PLPB0 Datasheet HTML 81Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 102 page
background image
November 2007
Datasheet
Order Number: 290701-18
77
Numonyx™ Wireless Flash Memory (W18)
13.3
VPP Protection
The Numonyx™ Wireless Flash Memory (W18) provides in-system program and erase
at VPP1. For factory programming, it also includes a low-cost, backward-compatible
12 V programming feature.(Section 11.2, “Factory Programming” on page 60) The EFP
feature can also be used to greatly improve factory program performance as explained
in Section 11.3, “Enhanced Factory Program (EFP)” on page 61.
In addition to the flexible block locking, holding the VPP programming voltage low can
provide absolute hardware write protection of all flash-device blocks. If VPP is below
VPPLK, program or erase operations result in an error displayed in SR[3]. (See
Figure 35.)
Note:
If the VCC supply can sink adequate current, you can use an appropriately valued resistor.
Figure 34: Protection Register Locking
0x84
0x88
0x85
0x81
0x80
PR Lock Register 0
User-Programmable
Intel Factory-Programmed
15 14 13 12 11 10 9
8
7
6
5
4
3
2
1
0
Figure 35: Examples of VPP Power Supply Configurations
• 12 V fast programming
• Absolute write protection with V
PP ≤ VPPLK
System supply
(Note 1)
VCC
VPP
12 V supply
• Low voltage and 12 V fast programming
System supply
12 V supply
• Low-voltage programming
• Absolute write protection via logic signal
System supply
Prot# (logic signal)
• Low-voltage programming
System supply
≤ 10K Ω
VCC
VPP
VCC
VPP
VCC
VPP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com