công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PC48F4400PLPB0 bảng dữ liệu(PDF) 95 Page - Numonyx B.V

tên linh kiện PC48F4400PLPB0
Giải thích chi tiết về linh kiện  Numonyx Wireless Flash Memory (W18)
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NUMONYX [Numonyx B.V]
Trang chủ  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

PC48F4400PLPB0 bảng dữ liệu(HTML) 95 Page - Numonyx B.V

Back Button PC48F4400PLPB0 Datasheet HTML 91Page - Numonyx B.V PC48F4400PLPB0 Datasheet HTML 92Page - Numonyx B.V PC48F4400PLPB0 Datasheet HTML 93Page - Numonyx B.V PC48F4400PLPB0 Datasheet HTML 94Page - Numonyx B.V PC48F4400PLPB0 Datasheet HTML 95Page - Numonyx B.V PC48F4400PLPB0 Datasheet HTML 96Page - Numonyx B.V PC48F4400PLPB0 Datasheet HTML 97Page - Numonyx B.V PC48F4400PLPB0 Datasheet HTML 98Page - Numonyx B.V PC48F4400PLPB0 Datasheet HTML 99Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 102 page
background image
November 2007
Datasheet
Order Number: 290701-18
95
Numonyx™ Wireless Flash Memory (W18)
Table 45: Burst Read Information for Non-muxed Device
Table 44: Protection Register Information
Offset
P = 39h
Length
Description
(Optional Flash Features and Commands)
Add.
Hex
Code
Value
(P + E)h
1
Number of Protectuib Register fields in JEDEC ID space.
“00h” indicates that 256 protection fields are available.
47:
--01
1
(P + E)h
(P + 10)h
(P + 11)h
(P + 12)h
4
Protection Field 1: Protection Description
This field describes user-available One Time Programmable (OTP)
Protection Register bytes, Some are pre-programmed with device-
unique serial numbers. Others are user-programmable. Bits are 0-15
point to the Protection Register lock byte, the section’s first byte. The
following bytes are factory pre-programmed and user-programmable:
• bits 0-7 = Lock/bytes JEDEC-plane physical low
address
• bites 8-15 = Lock/bytes JEDEC-plane physical high
address
• bits 16-23 = “n” such that 2n = factory pre-
programmed bytes
• bits 24-31 = “n” such that 2n = user-programmable bytes
48:
49:
4A:
4B:
--80
--00
--03
--03
80h
00h
8 byte
8 byte
Offset
(1)
Length
Description
Hex
P = 39h
(Optional flash features and commands)
Add. Code Value
(P+13)h
1
4C:
--03 8 byte
(P+14)h
1
4D:
--04
4
(P+15)h
1
4E:
--01
4
(P+16)h
1
Synchronous mode read capability configuration 2
4F:
--02
8
(P+17)h
1
Synchronous mode read capability configuration 3
50:
--03
16
(P+18)h
1
Synchronous mode read capability configuration 4
51:
--07
Cont
Page Mode Read capability
bits 0–7 = “n” such that 2n HEX value represents the number of
read-page bytes. See offset 28h for device word width to
determine page-mode data output width. 00h indicates no
read page buffer.
Number of synchronous mode read configuration fields that
follow. 00h indicates no burst capability.
Synchronous mode read capability configuration 1
Bits 3–7 = Reserved
bits 0–2 “n” such that 2n+1 HEX value represents the
maximum number of continuous synchronous reads when
the device is configured for its maximum word width. A value
of 07h indicates that the device is capable of continuous
linear bursts that will output data until the internal burst
counter reaches the end of the device’s burstable address
space. This field’s 3-bit value can be written directly to the
Read Configuration Register bits 0–2 if the device is
configured for its maximum word width. See offset 28h for
word width to determine the burst data output width.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com