công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PC48F4400PLPB0 bảng dữ liệu(PDF) 83 Page - Numonyx B.V

tên linh kiện PC48F4400PLPB0
Giải thích chi tiết về linh kiện  Numonyx Wireless Flash Memory (W18)
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NUMONYX [Numonyx B.V]
Trang chủ  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

PC48F4400PLPB0 bảng dữ liệu(HTML) 83 Page - Numonyx B.V

Back Button PC48F4400PLPB0 Datasheet HTML 79Page - Numonyx B.V PC48F4400PLPB0 Datasheet HTML 80Page - Numonyx B.V PC48F4400PLPB0 Datasheet HTML 81Page - Numonyx B.V PC48F4400PLPB0 Datasheet HTML 82Page - Numonyx B.V PC48F4400PLPB0 Datasheet HTML 83Page - Numonyx B.V PC48F4400PLPB0 Datasheet HTML 84Page - Numonyx B.V PC48F4400PLPB0 Datasheet HTML 85Page - Numonyx B.V PC48F4400PLPB0 Datasheet HTML 86Page - Numonyx B.V PC48F4400PLPB0 Datasheet HTML 87Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 102 page
background image
November 2007
Datasheet
Order Number: 290701-18
83
Numonyx™ Wireless Flash Memory (W18)
Note:
WAIT shown asserted high (RCR[10]=1).
14.6
WAIT Delay (RCR[8])
The WAIT configuration bit (RCR[8]) controls WAIT signal delay behavior for all
synchronous read-array modes. Its setting depends on the system and CPU
characteristics. The WAIT can be asserted either during, or one data cycle before, a
valid output.
In synchronous linear read array (no-wrap mode RCR[3]=1) of 4-, 8-, 16-, or
continuous-word burst mode, an output delay may occur when a burst sequence
crosses its first device-row boundary (16-word boundary). If the burst start address is
4-word boundary aligned, the delay does not occur. If the start address is misaligned to
a 4-word boundary, the delay occurs once per burst-mode read sequence. The WAIT
signal informs the system of this delay.
14.7
Burst Sequence (RCR[7])
The burst sequence specifies the synchronous-burst mode data order (see Table 35,
“Sequence and Burst Length” on page 84). When operating in a linear burst mode,
either 4-, 8-, or 16-word burst length with the burst wrap bit (RCR[3]) set, or in
continuous burst mode, the device may incur an output delay when the burst sequence
crosses the first 16-word boundary. (See Figure 37, “Word Boundary” on page 80 for
word boundary description.) This depends on the starting address. If the starting
address is aligned to a 4-word boundary, there is no delay. If the starting address is the
end of a 4-word boundary, the output delay is one clock cycle less than the First Access
Latency Count; this is the worst-case delay. The delay takes place only once, and only
if the burst sequence crosses a 16-word boundary. The WAIT pin informs the system of
this delay. For timing diagrams of WAIT functionality, see these figures:
• Figure 9, “Single Synchronous Read-Array Operation Waveform” on page 32
• Figure 10, “Synchronous 4-Word Burst Read Operation Waveform” on page 33
• Figure 11, “WAIT Functionality for EOWL (End-of-Word Line) Condition Waveform”
on page 34
Figure 39: Data Output Configuration with WAIT Signal Delay
DQ
15-0 [Q]
CLK [C]
Valid
Output
Valid
Output
Valid
Output
DQ
15-0 [Q]
Valid
Output
1 CLK
Data Hold
WAIT (CR.8 = 1)
WAIT (CR.8 = 0)
t
CHQV
t
CHQV
WAIT (CR.8 = 0)
WAIT (CR.8 = 1)
2 CLK
Data Hold
t
CHTL/H
Note 1
Note 1
Note 1
Note 1
Valid
Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com