công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PC48F4400PLPB0 bảng dữ liệu(PDF) 79 Page - Numonyx B.V

tên linh kiện PC48F4400PLPB0
Giải thích chi tiết về linh kiện  Numonyx Wireless Flash Memory (W18)
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NUMONYX [Numonyx B.V]
Trang chủ  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

PC48F4400PLPB0 bảng dữ liệu(HTML) 79 Page - Numonyx B.V

Back Button PC48F4400PLPB0 Datasheet HTML 75Page - Numonyx B.V PC48F4400PLPB0 Datasheet HTML 76Page - Numonyx B.V PC48F4400PLPB0 Datasheet HTML 77Page - Numonyx B.V PC48F4400PLPB0 Datasheet HTML 78Page - Numonyx B.V PC48F4400PLPB0 Datasheet HTML 79Page - Numonyx B.V PC48F4400PLPB0 Datasheet HTML 80Page - Numonyx B.V PC48F4400PLPB0 Datasheet HTML 81Page - Numonyx B.V PC48F4400PLPB0 Datasheet HTML 82Page - Numonyx B.V PC48F4400PLPB0 Datasheet HTML 83Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 102 page
background image
November 2007
Datasheet
Order Number: 290701-18
79
Numonyx™ Wireless Flash Memory (W18)
14.1
Read Mode (RCR[15])
All partitions support two high-performance read configurations: synchronous burst
mode and asynchronous page mode (default). RCR[15] sets the read configuration to
one of these modes.
Status register, query, and identifier modes support only asynchronous and single-
synchronous read operations.
14.2
First Access Latency Count (RCR[13:11])
The First Access Latency Count (RCR[13:11]) configuration tells the device how many
clocks must elapse from ADV# de-assertion (VIH) before the first data word should be
driven onto its data pins. The input clock frequency determines this value. See
Table 31, “Read Configuration Register Descriptions” on page 78 for latency values.
Figure 36 shows data output latency from ADV# assertion for different latencies. Refer
to Section , “” on page 80 for Latency Code Settings.
Note:
Other First Access Latency Configuration settings are reserved.
)
3
BW
Burst Wrap
0 = Wrap bursts within burst length set by CR[2:0]
1 = Don’t wrap accesses within burst length set by CR[2:0].(Default)
2-0
BL[2:0]
Burst Length
001 = 4-Word Burst
010 = 8-Word Burst
011 = 16-Word Burst
111 = Continuous Burst (Default)
4
Notes:
1.
Undocumented combinations of bits are reserved by Numonyx for future implementations.
2.
Synchronous and page read mode configurations affect reads from main blocks and parameter blocks. Status Register
and configuration reads support single read cycles. RCR[15]=1 disables configuration set by RCR[14:0].
3.
Data is not ready when WAIT is asserted.
4.
Set the synchronous burst length. In asynchronous page mode, the page size equals four words.
5.
Set all reserved Read Configuration Register bits to zero.
6.
Setting the Read Configuration Register for synchronous burst-mode with a latency count of 2 (RCR[13:11] = 010),
data hold for 2 clocks (RCR[9] = 1), and WAIT asserted one data cycle before delay (RCR[8] =1) is not supported.
Table 31: Read Configuration Register Descriptions (Sheet 2 of 2)
Bit
Name
Description1
Notes
Figure 36: First Access Latency Configuration
Code 5
Code 4
Code 3
Code 2
Valid
Address
Valid
Output
Valid
Output
Valid
Output
Valid
Output
Valid
Output
Valid
Output
Valid
Output
Valid
Output
Valid
Output
Valid
Output
Valid
Output
Valid
Output
Valid
Output
Valid
Output
Valid
Output
Valid
Output
Valid
Output
Valid
Output
Address [A]
ADV# [V]
CLK [C]
D[15:0] [Q]
D[15:0] [Q]
D[15:0] [Q]
D[15:0] [Q]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com