công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PC48F4400PLPB0 bảng dữ liệu(PDF) 53 Page - Numonyx B.V

tên linh kiện PC48F4400PLPB0
Giải thích chi tiết về linh kiện  Numonyx Wireless Flash Memory (W18)
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NUMONYX [Numonyx B.V]
Trang chủ  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

PC48F4400PLPB0 bảng dữ liệu(HTML) 53 Page - Numonyx B.V

Back Button PC48F4400PLPB0 Datasheet HTML 49Page - Numonyx B.V PC48F4400PLPB0 Datasheet HTML 50Page - Numonyx B.V PC48F4400PLPB0 Datasheet HTML 51Page - Numonyx B.V PC48F4400PLPB0 Datasheet HTML 52Page - Numonyx B.V PC48F4400PLPB0 Datasheet HTML 53Page - Numonyx B.V PC48F4400PLPB0 Datasheet HTML 54Page - Numonyx B.V PC48F4400PLPB0 Datasheet HTML 55Page - Numonyx B.V PC48F4400PLPB0 Datasheet HTML 56Page - Numonyx B.V PC48F4400PLPB0 Datasheet HTML 57Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 102 page
background image
November 2007
Datasheet
Order Number: 290701-18
53
Numonyx™ Wireless Flash Memory (W18)
9.3
Command Sequencing
When issuing a 2-cycle write sequence to the flash device, a read operation is allowed
to occur between the two write cycles. The setup phase of a 2-cycle write sequence
places the addressed partition into read-status mode, so if the same partition is read
before the second “confirm” write cycle is issued, Status Register data will be returned.
Reads from other partitions, however, can return actual array data assuming the
addressed partition is already in read-array mode. Figure 23 and Figure 24 illustrate
these two conditions.
Protection
Protection Program
2
Write
PA
C0h
Write
PA
PD
Lock Protection Program
2
Write
LPA
C0h
Write
LPA
FFFDh
Configuration
Set Configuration Register
2
Write
CD
60h
Write
CD
03h
Notes:
1.
First-cycle command addresses should be the same as the operation’s target address. Examples: the first-cycle address
for the Read Identifier command should be the same as the Identification code address (IA); the first-cycle address for
the Word Program command should be the same as the word address (WA) to be programmed; the first-cycle address
for the Erase/Program Suspend command should be the same as the address within the block to be suspended; etc.
XX = Any valid address within the device.
IA = Identification code address.
BA = Block Address. Any address within a specific block.
LPA = Lock Protection Address is obtained from the CFI (through the CFI Query command). The
Numonyx Wireless
Flash Memory (W18) family’s LPA is at 0080h.
PA = User programmable 4-word protection address.
PnA = Any address within a specific partition.
PBA = Partition Base Address. The very first address of a particular partition.
QA = CFI code address.
WA = Word address of memory location to be written.
2.
SRD = Status register data.
WD = Data to be written at location WA.
IC = Identifier code data.
PD = User programmable 4-word protection data.
QD = Query code data on DQ[7:0].
CD = Configuration register code data presented on device addresses A[15:0]. A[MAX:16] address bits can select any
partition. See
Table 31, “Read Configuration Register Descriptions” on page 78 for Configuration
Register bits descriptions.
3.
Commands other than those shown above are reserved by Numonyx for future device implementations and should not
be used.
Table 23: Bus Cycle Definitions
Operation
Command
Bus
Cycles
First Bus Cycle
Second Bus Cycle
Oper
Addr1
Data2,3
Oper
Addr1
Data2,3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com