công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PC48F4400PLPB0 bảng dữ liệu(PDF) 78 Page - Numonyx B.V

tên linh kiện PC48F4400PLPB0
Giải thích chi tiết về linh kiện  Numonyx Wireless Flash Memory (W18)
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NUMONYX [Numonyx B.V]
Trang chủ  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

PC48F4400PLPB0 bảng dữ liệu(HTML) 78 Page - Numonyx B.V

Back Button PC48F4400PLPB0 Datasheet HTML 74Page - Numonyx B.V PC48F4400PLPB0 Datasheet HTML 75Page - Numonyx B.V PC48F4400PLPB0 Datasheet HTML 76Page - Numonyx B.V PC48F4400PLPB0 Datasheet HTML 77Page - Numonyx B.V PC48F4400PLPB0 Datasheet HTML 78Page - Numonyx B.V PC48F4400PLPB0 Datasheet HTML 79Page - Numonyx B.V PC48F4400PLPB0 Datasheet HTML 80Page - Numonyx B.V PC48F4400PLPB0 Datasheet HTML 81Page - Numonyx B.V PC48F4400PLPB0 Datasheet HTML 82Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 102 page
background image
Numonyx™ Wireless Flash Memory (W18)
Datasheet
November 2007
78
Order Number: 290701-18
Numonyx™ Wireless Flash Memory (W18)
14.0
Set Read Configuration Register
The Set Read Configuration Register (RCR) command sets the burst order, frequency
configuration, burst length, and other parameters.
A two-bus cycle command sequence initiates this operation. The Read Configuration
Register data is placed on the lower 16 bits of the address bus (A[15:0]) during both
bus cycles. The Set Read Configuration Register command is written along with the
configuration data (on the address bus). This is followed by a second write that
confirms the operation and again presents the Read Configuration Register data on the
address bus. The Read Configuration Register data is latched on the rising edge of
ADV#, CE#, or WE# (whichever occurs first). This command functions independently of
the applied VPP voltage. After executing this command, the device returns to read-array
mode. The Read Configuration Register’s contents can be examined by writing the Read
Identifier command and then reading location 05h. See Table 30 and Table 31.
Table 30: Read Configuration Register Summary
First Access Latency
Count
Burst Length
RM
R
LC2
LC1
LC0
WT
DOC
WC
BS
CC
R
R
BW
BL2
BL1
BL0
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Table 31: Read Configuration Register Descriptions (Sheet 1 of 2)
Bit
Name
Description1
Notes
15
RM
Read Mode
0 = Synchronous Burst Reads Enabled
1 = Asynchronous Reads Enabled (Default)
2
14
R
Reserved
5
13-11
LC[2:0]
First Access Latency Count
001 = Reserved
010 = Code 2
011 = Code 3
100 = Code 4
101 = Code 5
111 = Reserved (Default)
6
10
WT
WAIT Signal Polarity
0 = WAIT signal is asserted low
1 = WAIT signal is asserted high (Default)
3
9
DOC
Data Output Configuration
0 = Hold Data for One Clock
1 = Hold Data for Two Clock (Default)
6
8
WC WAIT Configuration
0 = WAIT Asserted During Delay
1 = WAIT Asserted One Data Cycle before Delay (Default)
6
7
BS
Burst Sequence
1 = Linear Burst Order (Default)
6
CC
Clock Configuration
0 = Burst Starts and Data Output on Falling Clock Edge
1 = Burst Starts and Data Output on Rising Clock Edge (Default)
5R
Reserved
5
4R
Reserved
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com