| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ST20-GP1 bảng dữ liệu(PDF) 35 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST20-GP1 bảng dữ liệu(HTML) 35 Page - STMicroelectronics |
|
35 / 116 page ![]() ST20-GP1 35/116 ® 6.2 Instruction characteristics The Primary Instructions Table 6.3 gives the basic function code. Where the operand is less than 16, a single byte encodes the complete instruction. If the operand is greater than 15, one prefix instruction ( pfix) is required for each additional four bits of the operand. If the operand is negative the first prefix instruction will be nfix. Examples of pfix and nfix coding are given in Table 6.1. Any instruction which is not in the instruction set tables is an invalid instruction and is flagged illegal, returning an error code to the trap handler, if loaded and enabled. The Notes column of the tables indicates the descheduling and error features of an instruction as described in Table 6.2. Mnemonic Function code Memory code ldc #3 #4 #43 ldc #35 is coded as pfix #3 #2 #23 ldc #5 #4 #45 ldc #987 is coded as pfix #9 #2 #29 pfix #8 #2 #28 ldc #7 #4 #47 ldc -31 ( ldc #FFFFFFE1) is coded as nfix #1 #6 #61 ldc #1 #4 #41 Table 6.1 Prefix coding Ident Feature E Instruction can set an IntegerError trap L Instruction can cause a LoadTrap trap S Instruction can cause a StoreTrap trap O Instruction can cause an Overflow trap I Interruptible instruction A Instruction can be aborted and later restarted. D Instruction can deschedule T Instruction can timeslice Table 6.2 Instruction features |