công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

76894 bảng dữ liệu(PDF) 37 Page - Wiha Tools

tên linh kiện 76894
Giải thích chi tiết về linh kiện  Professional Quality Bits
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  WIHA [Wiha Tools]
Trang chủ  https://www.wihatools.com/
Logo WIHA - Wiha Tools

76894 bảng dữ liệu(HTML) 37 Page - Wiha Tools

Back Button 76894 Datasheet HTML 33Page - Wiha Tools 76894 Datasheet HTML 34Page - Wiha Tools 76894 Datasheet HTML 35Page - Wiha Tools 76894 Datasheet HTML 36Page - Wiha Tools 76894 Datasheet HTML 37Page - Wiha Tools 76894 Datasheet HTML 38Page - Wiha Tools 76894 Datasheet HTML 39Page - Wiha Tools 76894 Datasheet HTML 40Page - Wiha Tools 76894 Datasheet HTML 41Page - Wiha Tools Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 52 page
background image
37
SYSTEM 4 Slotted, Phillips,
Hex Inch & Metric Precision Interchangeable
Bit Set, 26Pc. Wiha precision handle,
bit extension & 24 interchangeable bits.
Item No. Combination Bit Set
75999
Set with Standard Precision Handle
Set includes the following bits:
Slotted: 1.5, 2.0, 3.0, 4.0mm
Phillips: 000, 00, 0, 1
Hex Metric: .7, .9, 1.3, 1.5, 2.0,
2.5, 3.0, 4.0mm
Hex Inch: .050, 1/16, 5/64, 3/32,
7/64, 1/8, 9/64, 5/32”
100mm Bit Extension
lbs. .64
75999
SYS 4 Hex Inch & Metric Precision
Interchangeable Bit Set, 18 Pcs. In Compact
Fold Out Box. Wiha precision handle, bit
extension and 16 Wiha interchangeable bits.
Item No. Combination Bit Set
75395
Set with Standard Precision Handle
Includes the following bits:
Hex Metric: .7, .9, 1.3, 1.5, 2.0,
2.5, 3.0, 4.0mm
Hex Inch: .050, 1/16, 5/64, 3/32,
7/64, 1/8, 9/64, 5/32”
100mm Bit Extension
lbs. .58
75395
SYSTEM 4 Interchangeable Bit Set,
40 Pcs. Includes Wiha precision handle,
bit extension & 38 interchangeable bits.
Item
SYSTEM 4
No.
Combination Bit Set
75996
Set with ESD Safe Precision Handle
Set includes the following bits:
Slotted: 0.8, 1.2, 1.5,
1.8, 2.0, 2.5, 3.0, 3.5, 4.0mm
Phillips: 000, 00, 0, 1
: T3, T4, T5,
T6, T7, T8, T9, T10, T15
Hex Metric: 1.3, 1.5,
2.0, 2.5, 3.0, 4.0mm
Hex Inch: .028, .035, .050, 1/16,
5/64, 3/32, 7/64, 1/8, 9/64, 5/32”
100mm Bit Extension
lbs. 1.04
75996
40 Pc.
Set
SYS 4 Slotted / Phillips / Hex In /
Precision Interchangeable Bit Set,
27 Pcs. In Compact Fold Out Box. Sets
include your choice of Wiha precision handle,
bit extension & 25 Wiha interchangeable bits.
Item
Handle Options for SYSTEM 4
No.
Combination Bit Sets
75991
Set with Standard Precision Handle
75992
Set with ESD Safe Precision Handle
Sets include the following bits:
Slotted: 1.5, 2.0, 3.0, 4.0mm
Phillips: 000, 00, 0, 1
: T3, T4, T5,
T6, T7, T8, T9, T10, T15
Hex Inch: .050, 1/16, 5/64,
3/32, 7/64, 1/8, 9/64, 5/32”
100mm Bit Extension
lbs. .64
759 sets
SYSTEM 4 Slotted/Phillips/Hex
Metric/
Precision Interchangeable
Bit Set, 27 Pcs. In Compact Fold Out Box.
Set includes Wiha precision handle,
bit extension & 25 Wiha interchangeable bits.
Item
SYSTEM 4
No.
Combination Bit Set
75994
Set with ESD Safe Precision Handle
Set includes the following bits:
Slotted: 1.5, 2.0, 3.0, 4.0mm
Phillips: 000, 00, 0, 1
: T3, T4, T5, T6, T7, T8,
T9, T10, T15
Hex Metric: .7, .9, 1.3, 1.5,
2.0, 2.5, 3.0, 4.0mm
100mm Bit Extension
lbs. .64
75994
Wiha SYS 4 Micro Bits & Compact Bit Sets
D
D
26 Pc. Set
18 Pc. Set
27 Pc. Set
27 Pc. Set
75995 SYS 4 Precision Interchangeable Bit
Set, 26 Pcs. In Compact Fold Out Box
Sets includes Wiha precision handle,
bit extension & 24 Wiha interchangeable bits.
Item
SYSTEM 4 Micro Bit Set
No.
Set with ESD Safe Precision Handle
75995 and the following bits:
: T1, T2, T3, T4, T5, T6, T7, T8,
T9, T10
Pentalobe: PL1, PL2, PL3, PL4, PL5, PL6
Slotted: 1.5, 2.0, 2.5, 3.0mm Phillips:
#000, 00, 0, 1
100mm Bit Extension
lbs. .54
26 Pc. Set
In Metal
Storage Box
www.wihatools.com
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com