công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

76894 bảng dữ liệu(PDF) 15 Page - Wiha Tools

tên linh kiện 76894
Giải thích chi tiết về linh kiện  Professional Quality Bits
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  WIHA [Wiha Tools]
Trang chủ  https://www.wihatools.com/
Logo WIHA - Wiha Tools

76894 bảng dữ liệu(HTML) 15 Page - Wiha Tools

Back Button 76894 Datasheet HTML 11Page - Wiha Tools 76894 Datasheet HTML 12Page - Wiha Tools 76894 Datasheet HTML 13Page - Wiha Tools 76894 Datasheet HTML 14Page - Wiha Tools 76894 Datasheet HTML 15Page - Wiha Tools 76894 Datasheet HTML 16Page - Wiha Tools 76894 Datasheet HTML 17Page - Wiha Tools 76894 Datasheet HTML 18Page - Wiha Tools 76894 Datasheet HTML 19Page - Wiha Tools Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 52 page
background image
15
Phillips Long Insert Bits. 1/4” Hex
Drive, Length 2.0”/50mm
Item
No.
Size mm pkg. lbs.
71105
1
50
10
.25
71106
2
50
10
.25
71107
3
50
10
.27
Phillips ACR Insert Bits, 1/4”
Item
No.
Size mm pkg. lbs.
71126
1
25
10
.11
71127
2
25
10
.11
71128
3
25
10
.11
Phillips Insert Bit Packs, 1
”
CVM S2 modified tool steel. 5/16” Hex Drive.
Item
No.
Size mm
lbs.
72102
2
32
.05
72103
3
32
.06
72104
4
32
.07
Phillips Long Insert Bit Packs, 2
”
CVM S2 modified tool steel
Item
No.
Size
mm
lbs.
71165
1
50
.06
71166
2
50
.06
71167
3
50
.06
2 bit
pack
2 bit
pack
Wiha Phillips Long Insert Bits
Wiha Phillips ACR Insert Bits
Phillips Power Bits
1/4” Hex Drive, Length 3.5”/90mm
Item
No.
Size mm pkg.
lbs.
74109
1
90
1
.34
74118
2
90
1
.47
74130
3
90
1
.53
Phillips Power Bits
1/4” Hex Drive, Length 4.33”/110mm
Item
No.
Size mm
pkg. lbs.
74111
1
110
1
.40
74121
2
110
1
.56
74131
3
110
1
.65
Phillips Power Bits. 1/4” Hex Drive,
Length 2.75”/70mm
Item
No.
Size mm pkg. lbs.
74167
00
70
1
.29
74168
0
70
1
.29
74106
1
70
1
.29
74115
2
70
1
.37
74127
3
70
1
.41
Phillips Power Bits
1/4” Hex Drive, Length 127mm/5”
Item
No.
Size mm
pkg. lbs.
74113
1
127
1
.04
74123
2
127
1
.06
74133
3
127
1
.07
Phillips Power Bits
1/4” Hex Drive, Length 150mm/5.9”
Item
No.
Size mm
pkg. lbs.
74116
1
150
1
.05
74126
2
150
1
.07
74136
3
150
1
.09
Phillips Power Bits
1/4” Hex Drive, Length 2.0”/50mm
Item
No.
Size mm pkg. lbs.
74103
1
50
10
.24
74112
2
50
10
.25
74124
3
50
10
.26
Wiha Phillips Power Bits
721
711
711
711
741
741
741
741
741
741
Wiha Phillips 5/16” Insert Bits
Phillips Power Bit Packs, 2” CVM
S2 modified tool steel. Extra hard with natural
finish. Exact fit machined tips. 3 pc. bit pack.
74150
Set includes the following bits:
Phillips Sizes:
wt. .09
1, 2, 3 x 2” (50mm)
Phillips Power Bit Packs, 2
”
CVM S2 modified tool steel.
Item
No.
Size mm lbs.
74164
1
50
.06
74165
2
50
.06
74166
3
50
.06
2 bit
pack
741
74150
www.wihatools.com
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com