công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

76894 bảng dữ liệu(PDF) 35 Page - Wiha Tools

tên linh kiện 76894
Giải thích chi tiết về linh kiện  Professional Quality Bits
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  WIHA [Wiha Tools]
Trang chủ  https://www.wihatools.com/
Logo WIHA - Wiha Tools

76894 bảng dữ liệu(HTML) 35 Page - Wiha Tools

Back Button 76894 Datasheet HTML 31Page - Wiha Tools 76894 Datasheet HTML 32Page - Wiha Tools 76894 Datasheet HTML 33Page - Wiha Tools 76894 Datasheet HTML 34Page - Wiha Tools 76894 Datasheet HTML 35Page - Wiha Tools 76894 Datasheet HTML 36Page - Wiha Tools 76894 Datasheet HTML 37Page - Wiha Tools 76894 Datasheet HTML 38Page - Wiha Tools 76894 Datasheet HTML 39Page - Wiha Tools Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 52 page
background image
35
D
SYSTEM 4 Security
Micro Bits
CVM steel, hardened, on 4 mm stock.
Item
No.
Size
mm
Inch
lbs.
75727
T7s
28
1.1
.01
75728
T8s
28
1.1
.01
75729
T9s
28
1.1
.01
75735
T10s
28
1.1
.01
75739
T15s
28
1.1
.01
75742
T20s
28
1.1
.01
757
SYS 4 Metric Security Hex Micro Bits
CVM steel, hardened, on 4 mm hex stock.
Item
No.
mm
mm
Inch
lbs.
75322
2.0
28
1.1
.01
75327
2.5
28
1.1
.01
75332
3.0
28
1.1
.01
75342
4.0
28
1.1
.01
753
SYS 4 Security Hex Inch Micro Bits
Item
No.
Inch
mm Inch
lbs.
75362
5/64
28
1.1
.01
75364
3/32
28
1.1
.01
75366
7/64
28
1.1
.01
75368
1/8
28
1.1
.01
75370
9/64
28
1.1
.01
75372
5/32
28
1.1
.01
753
SYSTEM 4
Micro Bits
CVM steel, hardened, on 4 mm stock.
Item
No.
Size
mm Inch
lbs.
75701
T1
28
1.1
.01
75702
T2
28
1.1
01
75703
T3
28
1.1
.01
75704
T4
28
1.1
.01
75705
T5
28
1.1
.01
75706
T6
28
1.1
.01
75707
T7
28
1.1
.01
75708
T8
28
1.1
.01
75709
T9
28
1.1
.01
75710
T10
28
1.1
.01
75715
T15
28
1.1
.01
75720
T20
28
1.1
.01
757
SYSTEM 4 ESD Safe
Dissipative
Precision Bit Handle 110mm/4.3” OAL
Advantages:
• For working in ESD sensitive applications
Surface resistant 106-109 Ohms
• Ball retainer holds bits securely in place
• Accepts all SYSTEM 4 Series bits
Item
No.
mm Inch
mm
Inch lbs.
75801
4.0 .1574 14.0 .55
.06
SYSTEM 4 Standard Precision Bit
Handle Accepts all SYSTEM 4 Series bits.
110mm/4.3” OAL
Item
No.
mm Inch
mm
Inch lbs.
75800
4.0 .1574 14.0 .55
.06
75800
75801
SYSTEM 4 Slotted Micro Bits
CVM steel, hardened, on 4 mm hex stock.
Item
No.
mm mm
Inch
lbs.
75008
0.8
28
1.1
.01
75012
1.2
28
1.1
.01
75015
1.5
28
1.1
.01
75018
1.8
28
1.1
.01
75020
2.0
28
1.1
.01
75025
2.5
28
1.1
.01
75030
3.0
28
1.1
.01
75035
3.5
28
1.1
.01
75040
4.0
28
1.1
.01
750
SYSTEM 4 Phillips Micro Bits
CVM steel, hardened, on 4 mm hex stock.
Item
No.
Size mm
Inch lbs.
000
28
1.1
.01
00
28
1.1
.01
0
28
1.1
.01
75105
75110
75115
75120
75125
1
28
1.1
.01
751
SYSTEM 4 Hex Metric Micro Bits
CVM steel, hardened, on 4 mm hex stock.
Item
No.
mm
mm
Inch
lbs.
75307
.7
28
1.1
.01
75309
.9
28
1.1
.01
75313
1.3
28
1.1
.01
75315
1.5
28
1.1
.01
75320
2.0
28
1.1
.01
75325
2.5
28
1.1
.01
75330
3.0
28
1.1
.01
75340
4.0
28
1.1
.01
753
SYSTEM 4 Hex Inch Micro Bits
CVM steel, hardened, on 4 mm hex stock.
Item
No.
Inch
mm
Inch lbs.
75307
.028
28
1.1
.01
75309
.035
28
1.1
.01
75313
.050
28
1.1
.01
75350
1/16
28
1.1
.01
75352
5/64
28
1.1
.01
75354
3/32
28
1.1
.01
75356
7/64
28
1.1
.01
75358
1/8
28
1.1
.01
75360
9/64
28
1.1
.01
75340
5/32
28
1.1
.01
753
Wiha SYSTEM 4 Micro Bits - On 4mm Hex Stock
Use bits directly in handle or with 4” bit extension
Bits High alloy
CVM steel, hardened
SYSTEM 4
Handles & Micro Bits
Tapered Handle
allows rapid
rotation, requires
less clearance
Rotating Cap
for precise
turning and
control
Tips
Exact fit,
precision
machined
www.wihatools.com
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
2
28
1.1
.01
SHOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com