công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

76894 bảng dữ liệu(PDF) 25 Page - Wiha Tools

tên linh kiện 76894
Giải thích chi tiết về linh kiện  Professional Quality Bits
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  WIHA [Wiha Tools]
Trang chủ  https://www.wihatools.com/
Logo WIHA - Wiha Tools

76894 bảng dữ liệu(HTML) 25 Page - Wiha Tools

Back Button 76894 Datasheet HTML 21Page - Wiha Tools 76894 Datasheet HTML 22Page - Wiha Tools 76894 Datasheet HTML 23Page - Wiha Tools 76894 Datasheet HTML 24Page - Wiha Tools 76894 Datasheet HTML 25Page - Wiha Tools 76894 Datasheet HTML 26Page - Wiha Tools 76894 Datasheet HTML 27Page - Wiha Tools 76894 Datasheet HTML 28Page - Wiha Tools 76894 Datasheet HTML 29Page - Wiha Tools Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 52 page
background image
25
Tri-Wing Power Bit Packs, 2
”
Item
No.
Size mm lbs.
74960
3
50
.06
74961
4
50
.06
74962
5
50
.06
74963
6
50
.10
749
Triwing Insert Bits, 1/4”/25mm
Item
No.
Size mm pkg. lbs.
71900
0
25
10
.10
71901
1
25
10
.10
71902
2
25
10
.10
71903
3
25
10
.10
71904
4
25
10
.13
71905
5
25
10
.13
719
Tri-Wing Power Bits, 1/4”/50mm
Item
No.
Size mm
pkg. lbs.
74901
3
50
10
.24
74902
4
50
10
.24
74903
5
50
10
.24
74904
6
50
10
.46
749
Tri-Wing Insert Bit Packs, 1
”
Item
No.
Size
mm
lbs.
71949
0
25
.03
71950
1
25
.03
71951
2
25
.03
71952
3
25
.03
71953
4
25
.03
71913
5
25
.04
719
Tri-Wing Bits
Tri-Wing Insert Bit Packs, 1
”
6 pc. bit pack.
71954
Set includes the following bits:
Triwing: 0, 1, 2,
wt. .07
3, 4, 5 x 1” (25mm)
71954
2 bit
pack
2 bit
pack
Torq Set Power Bits, 1/4”/50mm
Item
No.
Size mm
pkg.
lbs.
74911
4
50
10
.03
74912
5
50
10
.03
74913
6
50
10
.03
74914
8
50
10
.04
74915
10
50
10
.04
749
Torq Set Insert Bits, 1/4”
Item
No.
Size mm pkg. lbs.
71921
0
25
10
.10
71922
1
25
10
.10
71923
2
25
10
.10
71924
3
25
10
.10
71907
4
25
10
.10
71909
5
25
10
.10
71906
6
25
10
.10
71908
8
25
10
.13
71910
10
25
10
.13
719
Torq Set Insert Bit Packs, 1
”
CVM S2 modified tool steel.
Item
No.
Size mm
lbs.
71911
4
25
.03
71912
5
25
.03
71957
6
25
.03
71958
8
25
.04
71959
10
25
.04
719
Torq Set Bits
Torq Set Power Bit Packs, 2
”
CVM S2 modified tool steel.
Item
No.
Size mm lbs.
74964
4
50
.06
74965
5
50
.06
74966
6
50
.06
74967
8
50
.07
74968
10 50
.07
749
2 bit
pack
2 bit
pack
Specialty Bits
Suitable for all applications for both
manual & machine Hardness HRC 59-61
Torq Set
Tri-Wing
Highly resistant to wear and
tear for a long tool life
Tri-Wing Power Blades
S2 modified tool steel. Blades fit CentroFix
power blade handle. OAL 90mm/3.5”.
Item
No.
Size
lbs.
pkg.
76031
1
.02
1
76032
2
.02
1
76033
3
.03
1
76034
4
.04
1
760
4 Piece Tri-Wing Blade Set
Item
Set includes:
No.
lbs.
Tri-Wing: #1, 2,
76088
.16
3, 4 x 90mm
76088
Wiha Tri-Wing Power Blades
www.wihatools.com
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com