công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

76894 bảng dữ liệu(PDF) 22 Page - Wiha Tools

tên linh kiện 76894
Giải thích chi tiết về linh kiện  Professional Quality Bits
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  WIHA [Wiha Tools]
Trang chủ  https://www.wihatools.com/
Logo WIHA - Wiha Tools

76894 bảng dữ liệu(HTML) 22 Page - Wiha Tools

Back Button 76894 Datasheet HTML 18Page - Wiha Tools 76894 Datasheet HTML 19Page - Wiha Tools 76894 Datasheet HTML 20Page - Wiha Tools 76894 Datasheet HTML 21Page - Wiha Tools 76894 Datasheet HTML 22Page - Wiha Tools 76894 Datasheet HTML 23Page - Wiha Tools 76894 Datasheet HTML 24Page - Wiha Tools 76894 Datasheet HTML 25Page - Wiha Tools 76894 Datasheet HTML 26Page - Wiha Tools Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 52 page
background image
22
Square Insert Bit Packs, 1
”
CVM S2 modified tool steel.
Item
No.
Size mm
lbs.
71851
1
25
.03
71852
2
25
.03
71853
3
25
.03
718
Square Power Bit Packs, 2
” CVM
S2 modified tool steel. Extra hard with natural
finish. Exact fit machined tips. 3 pc. bit pack.
74890
Set includes the following bits:
Square:
wt. .08
1, 2, 3 x 2.0” (50mm)
74890
Square Insert Bit Packs, 1
” CVM
S2 modified tool steel. 3 pc. bit pack
71854
Set includes the following bits:
Square:
wt. .04
1, 2, 3 x 1” (25mm)
71854
Square Insert Bits, 1/4”
Item
No.
Size mm
pkg. lbs.
71801
1
25
10
.11
71802
2
25
10
.11
71803
3
25
10
.11
718
Square Power Bits. 1/4” Hex Drive,
Length 2.0”/50mm
Item
No.
Size mm
pkg. lbs.
74813
1
50
10
.20
74816
2
50
10
.20
74819
3
50
10
.20
748
Square Bits
The ideal multi-purpose tools to
meet production requirements
for both quality & performance
Highly resistant to
wear and tear for
a long tool life
Suitable for all applications
for both manual & machine
Hardness HRC 59-61
Impact
resistant
modified
CVM,
tool steel,
hardened
Square
Square Insert & Power Bits
Square Power Bit Packs, 2
”
CVM S2 modified tool steel.
Item
No.
Size mm lbs.
74860
1
50
.05
74861
2
50
.05
74862
3
50
.05
748
2 bit
pack
2 bit
pack
2 bit
pack
Square Power Bit Packs, 2.0
” CVM
S2 modified tool steel. Extra hard with natural
finish. Exact fit machined tips. 6 pc. bit pack.
74895
Set includes the following bits:
Square: 2 of each sizes
wt. 1.2
1, 2, 3 x 2.0” (50mm)
74895
Slotted Insert Bits, 1/4” Hex Drive,
Length 25mm/.984”
Item
No.
mm Inch
mm Inch
pkg.
71001
4.5 .177 0.6 .024
10
71004
5.5 .216 0.8 .030
10
71002
6.5 .255 1.2 .039
10
71003
8.0 .315 1.6 .063
10
710
The ideal multi-purpose bits for all
around quality & performance
Made in Germany -
Production Quality
Highly resistant
to wear and
tear for a
long tool
life
Suitable for all
applications
for both manual
and machine
Hardness
HRC 59-61
Impact resistant
modified CVM, tool
steel, hardened
Wiha Slotted
Insert Bits
& Power Bits
Slotted
Slotted Insert Bits. 1/4” Hex Drive,
Length 1.54”/39mm 2 pc. Bit pack.
Item
No.
mm Inch mm Inch pkg.
71030
3.0 .118 0.5 .020
2
71031
3.5 .139 0.6 .024
2
71032
4.0 .157 0.8 .031
2
71033
4.5 .177 0.6 .024
2
71034
5.5 .216 1.0 .039
2
71035
6.5 .255 1.2 .047
2
71036
8.0 .315 1.6 .063
2
710
2 pc. bit
pack!
Slotted Bits
Slotted Insert Contractor Grade, 1/4”
Item
No.
mm
mm pkg.
lbs.
72534
4.5
25
30 pc
.85
72535
5.5
25
30 pc
.85
72536
6.0
25
30 pc
.85
725
30 Piece Contractor Grade Bits
Square Power Bit, 1/4” Hex Drive,
Length 3.5”/90mm CVM S2 modified tool steel.
Item
No.
Size mm lbs.
74811
1
90
.08
74812
2
90
.08
74814
3
90
.08
748
Toll Free: (800) 494-6104
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com