công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

76894 bảng dữ liệu(PDF) 27 Page - Wiha Tools

tên linh kiện 76894
Giải thích chi tiết về linh kiện  Professional Quality Bits
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  WIHA [Wiha Tools]
Trang chủ  https://www.wihatools.com/
Logo WIHA - Wiha Tools

76894 bảng dữ liệu(HTML) 27 Page - Wiha Tools

Back Button 76894 Datasheet HTML 23Page - Wiha Tools 76894 Datasheet HTML 24Page - Wiha Tools 76894 Datasheet HTML 25Page - Wiha Tools 76894 Datasheet HTML 26Page - Wiha Tools 76894 Datasheet HTML 27Page - Wiha Tools 76894 Datasheet HTML 28Page - Wiha Tools 76894 Datasheet HTML 29Page - Wiha Tools 76894 Datasheet HTML 30Page - Wiha Tools 76894 Datasheet HTML 31Page - Wiha Tools Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 52 page
background image
27
Diamond Bits, Slotted, 1/4”
Item
No.
mm Inch mm Inch mm
71020
4.5
.177 0.6 .024 25
71021
5.5
.216 0.8 .030 25
71022
5.5
.216 1.0 .039 25
71023
6.5
.255 1.2 .039 25
Diamond Bits, Phillips, 1/4”
Item
No.
Size mm
lbs.
71181
1
25
.02
71182
2
25
.02
71183
3
25
.02
711
Diamond Phillips Power Bits
1/4” Hex Drive, Length 2.0”/50mm
Item
No.
Size mm
lbs.
74161
1
50
.03
74162
2
50
.03
74163
3
50
.04
741
Diamond Bits, Pozidriv®, 1/4”
Item
No.
Size
mm
lbs.
71221
1
25
.02
71222
2
25
.02
71223
3
25
.02
712
Diamond Bits,
, 1/4”
Item
No.
Size
mm
lbs.
71516
T10
25
.02
71517
T15
25
.02
71518
T20
25
.02
71519
T25
25
.02
71521
T30
25
.02
71522
T40
25
.03
715
Diamond Torsion Insert and Power Bits
Reduction of:
• pressure forces to be applied
• wear and tear of bit and screw head
• working time & costs
• Cam-out effect
• High wear resistance
• Micro particle coating with sapphire
and diamond contents
• Optimized torsion zone
710
The ideal bit even for the most
difficult of applications
Torsion
Zone
Diamond bits supplement
Wiha’s range of high-
quality special bits.
When used with
machines, the
increased
tool life
of the Wiha
Diamond
bit reduces cost.
71197
PokitPak - Diamond Coated Insert
Bits In Molded Case. 6 - 1/4” Insert Bits
Slotted: 5.5, 6.5mm
lbs.
Phillips: #1, 3 & 2/each #2
.18
1/4” Magnetic Bit Holder
Dura Bits, Slotted, 1/4”
Item
No.
mm Inch mm Inch mm
71010
0.6
.024 4.5 .177 25
71011
0.8
.030 5.5 .216 25
71012
1.0
.039 5.5 .216 25
71013
1.2
.039 6.5 .255 25
710
Positive location in
the screw head with
decrease of:
• necessary pressure forces
• working time
• costs
• wear & tear of bits &
screw heads
• anti-cam-out effect
Torsion
Zone
With the Dura bit Wiha has again proved
it’s power of innovation. The extra
hard, elastic Quattro Torsion bit
is equipped with an extremely
wear resistant tungsten
carbide coating that
grips the screw
head.
Dura Bits, Phillips, 1/4”
Item
No.
Size
mm
lbs.
71111
1
25
.02
71112
2
25
.02
71113
3
25
.02
711
Dura Bits,
, 1/4”
Item
No.
Size
mm
lbs.
71574
T10
25
.02
71576
T15
25
.02
71578
T20
25
.02
71580
T25
25
.02
71582
T30
25
.02
71584
T40
25
.03
715
Carbide Coated
Dura Torsion Insert and Power Bits
Dura Phillips Power Bits
1/4” Hex Drive, Length 2.0”/50mm
Item
No.
Size
mm
lbs.
74141
1
50
.04
74142
2
50
.04
74143
3
50
.04
741
Dura Pozidriv® Power Bits
1/4” Hex Drive, Length 2.0”/50mm
Item
No.
Size
mm
lbs.
74241
1
50
.04
74242
2
50
.04
74243
3
50
.04
742
Dura Bits, Pozidriv, 1/4”
Item
No.
Size
mm
lbs.
71211
1
25
.02
71212
2
25
.02
71213
3
25
.02
712
71094
Bit-Selector With Dura Insert 1/4”
Bits. Set Includes Magnetic 1/4” Bit Holder
& The Following 10 Bits:
Slotted: 4.5, 5.5, 6.5mm
Phillips: 1, 2, 3
: T10, T15, T20, T25
.29 lbs.
Bits Tungsten
Carbide Coated
www.wihatools.com
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com