| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
NRF52810-QFAA-R bảng dữ liệu(PDF) 218 Page - Nordic Semiconductor |
|
|
|||||||||||||||||||||||||||||
NRF52810-QFAA-R bảng dữ liệu(HTML) 218 Page - Nordic Semiconductor |
|
218 / 483 page ![]() Peripherals Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 Id f e d c b a Z Y X W V U T S R Q P O N M L K J I H G F E D C B A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 Id RW Field Value Id Value Description Enabled 1 Read: channel enabled Set 1 Write: Enable channel N RW CH13 Channel 13 enable set register. Writing '0' has no effect Disabled 0 Read: channel disabled Enabled 1 Read: channel enabled Set 1 Write: Enable channel O RW CH14 Channel 14 enable set register. Writing '0' has no effect Disabled 0 Read: channel disabled Enabled 1 Read: channel enabled Set 1 Write: Enable channel P RW CH15 Channel 15 enable set register. Writing '0' has no effect Disabled 0 Read: channel disabled Enabled 1 Read: channel enabled Set 1 Write: Enable channel Q RW CH16 Channel 16 enable set register. Writing '0' has no effect Disabled 0 Read: channel disabled Enabled 1 Read: channel enabled Set 1 Write: Enable channel R RW CH17 Channel 17 enable set register. Writing '0' has no effect Disabled 0 Read: channel disabled Enabled 1 Read: channel enabled Set 1 Write: Enable channel S RW CH18 Channel 18 enable set register. Writing '0' has no effect Disabled 0 Read: channel disabled Enabled 1 Read: channel enabled Set 1 Write: Enable channel T RW CH19 Channel 19 enable set register. Writing '0' has no effect Disabled 0 Read: channel disabled Enabled 1 Read: channel enabled Set 1 Write: Enable channel U RW CH20 Channel 20 enable set register. Writing '0' has no effect Disabled 0 Read: channel disabled Enabled 1 Read: channel enabled Set 1 Write: Enable channel V RW CH21 Channel 21 enable set register. Writing '0' has no effect Disabled 0 Read: channel disabled Enabled 1 Read: channel enabled Set 1 Write: Enable channel W RW CH22 Channel 22 enable set register. Writing '0' has no effect Disabled 0 Read: channel disabled Enabled 1 Read: channel enabled Set 1 Write: Enable channel X RW CH23 Channel 23 enable set register. Writing '0' has no effect Disabled 0 Read: channel disabled Enabled 1 Read: channel enabled Set 1 Write: Enable channel Y RW CH24 Channel 24 enable set register. Writing '0' has no effect Disabled 0 Read: channel disabled Enabled 1 Read: channel enabled Set 1 Write: Enable channel 4430_161 v1.0 218 |