| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
NRF52810-QFAA-R bảng dữ liệu(PDF) 216 Page - Nordic Semiconductor |
|
|
|||||||||||||||||||||||||||||
NRF52810-QFAA-R bảng dữ liệu(HTML) 216 Page - Nordic Semiconductor |
|
216 / 483 page ![]() Peripherals Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 Id f e d c b a Z Y X W V U T S R Q P O N M L K J I H G F E D C B A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 Id RW Field Value Id Value Description T RW CH19 Enable or disable channel 19 Disabled 0 Disable channel Enabled 1 Enable channel U RW CH20 Enable or disable channel 20 Disabled 0 Disable channel Enabled 1 Enable channel V RW CH21 Enable or disable channel 21 Disabled 0 Disable channel Enabled 1 Enable channel W RW CH22 Enable or disable channel 22 Disabled 0 Disable channel Enabled 1 Enable channel X RW CH23 Enable or disable channel 23 Disabled 0 Disable channel Enabled 1 Enable channel Y RW CH24 Enable or disable channel 24 Disabled 0 Disable channel Enabled 1 Enable channel Z RW CH25 Enable or disable channel 25 Disabled 0 Disable channel Enabled 1 Enable channel a RW CH26 Enable or disable channel 26 Disabled 0 Disable channel Enabled 1 Enable channel b RW CH27 Enable or disable channel 27 Disabled 0 Disable channel Enabled 1 Enable channel c RW CH28 Enable or disable channel 28 Disabled 0 Disable channel Enabled 1 Enable channel d RW CH29 Enable or disable channel 29 Disabled 0 Disable channel Enabled 1 Enable channel e RW CH30 Enable or disable channel 30 Disabled 0 Disable channel Enabled 1 Enable channel f RW CH31 Enable or disable channel 31 Disabled 0 Disable channel Enabled 1 Enable channel 6.11.2.2 CHENSET Address offset: 0x504 Channel enable set register Read: reads value of CH{i} field in CHEN register. 4430_161 v1.0 216 |