| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
S2-LPS bảng dữ liệu(PDF) 54 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
S2-LPS bảng dữ liệu(HTML) 54 Page - STMicroelectronics |
|
54 / 73 page ![]() Name Addr Default Bit Field name Description PROTOCOL0 3B 08 1 PERS_RX 1: enable the persistent RX mode. 0 RESERVED - FIFO_CONFIG3 3C 30 7 RESERVED - 6:0 RX_AFTHR Set the RX FIFO almost full threshold. FIFO_CONFIG2 3D 30 7 RESERVED - 6:0 RX_AETHR Set the RX FIFO almost empty threshold. FIFO_CONFIG1 3E 30 7 RESERVED - 6:0 TX_AFTHR Set the TX FIFO almost full threshold. FIFO_CONFIG0 3F 30 7 RESERVED - 6:0 TX_AETHR Set the TX FIFO almost empty threshold. PCKT_FLT_OPTIONS 40 40 7 RESERVED - 6 RX_TIMEOUT_AND_ OR_SEL Logical Boolean function applied to CS/SQI/PQI values: 1: OR, 0: AND. 5 RESERVED - 4 SOURCE_ADDR_FLT 1: RX packet accepted if its source field matches with RX_SOURCE_ADDR register 3 DEST_VS_BROADCA ST_ADDR 1: RX packet accepted if its source field matches with BROADCAST_ADDR register. 2 DEST_VS_MULTICAS T_ADDR 1: RX packet accepted if its destination address matches with MULTICAST_ADDR register. 1 DEST_VS_SOURCE_ ADDR 1: RX packet accepted if its destination address matches with RX_SOURCE_ADDR register. 0 CRC_FLT 1: packet discarded if CRC is not valid. PCKT_FLT_GOALS4 41 00 7:0 RX_SOURCE_MASK Mask register for source address filtering. PCKT_FLT_GOALS3 42 00 7:0 RX_SOURCE_ADDR/ DUAL_SYNC3 If dual sync mode enabled: dual SYNC word byte 3, Otherwise RX packet source or TX packet destination field. S2-LPS Register contents DS13831 - Rev 1 page 54/73 |