công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

R7F100LLL3CFB bảng dữ liệu(PDF) 105 Page - Renesas Technology Corp

tên linh kiện R7F100LLL3CFB
Giải thích chi tiết về linh kiện  RENESAS MCU
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7F100LLL3CFB bảng dữ liệu(HTML) 105 Page - Renesas Technology Corp

Back Button R7F100LLL3CFB Datasheet HTML 101Page - Renesas Technology Corp R7F100LLL3CFB Datasheet HTML 102Page - Renesas Technology Corp R7F100LLL3CFB Datasheet HTML 103Page - Renesas Technology Corp R7F100LLL3CFB Datasheet HTML 104Page - Renesas Technology Corp R7F100LLL3CFB Datasheet HTML 105Page - Renesas Technology Corp R7F100LLL3CFB Datasheet HTML 106Page - Renesas Technology Corp R7F100LLL3CFB Datasheet HTML 107Page - Renesas Technology Corp R7F100LLL3CFB Datasheet HTML 108Page - Renesas Technology Corp R7F100LLL3CFB Datasheet HTML 109Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 148 page
background image
RL78/L23
2. Electrical Characteristics
R01DS0502EJ0110 Rev.1.10
Page 105 of 145
Oct 31, 2025
9. In simplified SPI (CSI) communications in the slave mode with devices operating at different voltage levels (1.8 V,
2.5 V, or 3 V) with the external SCKp clock
Note 1.
Transfer rate in the SNOOZE mode: 1 Mbps (max.)
Note 2.
Use this rate with VDD ≥ Vb.
Note 3.
This is for when the settings are DAPmn = 0 and CKPmn = 0, or DAPmn = 1 and CKPmn = 1. When the settings are DAPmn
= 0 and CKPmn = 1, or DAPmn = 1 and CKPmn = 0, this is the setup time to or from the falling of SCKp.
Note 4.
This is for when the settings are DAPmn = 0 and CKPmn = 0, or DAPmn = 1 and CKPmn = 1. When the settings are DAPmn
= 0 and CKPmn = 1, or DAPmn = 1 and CKPmn = 0, this is the delay time to the rising of SCKp.
Caution
Select the TTL input buffer for the SIp and SCKp pins, and the N-ch open-drain output (withstand voltage of VDD)
mode for the SOp pin by using the port input mode register (PIMg) and port output mode register (POMg). For
VIH and VIL, see the DC characteristics with the TTL input buffer selected.
(Remarks are listed on the next page.)
(TA = -40 to +105°C, 1.8 V ≤ VDD ≤ 5.5 V, VSS = EVSS = 0 V)
(2/2)
Item
Symbols
Conditions
HS
(high-speed main)
mode
LS
(low-speed main)
mode
LP
(low-power main)
mode
Unit
Min.
Max.
Min.
Max.
Min.
Max.
SCKp high-/low-level
width
tKH2,
tKL2
4.0 V ≤ VDD ≤ 5.5 V,
2.7 V ≤ Vb ≤ 4.0 V
tKCY2/2
-12
tKCY2/2
-12
tKCY2/2
-50
ns
2.7 V ≤ VDD < 4.0 V,
2.3 V ≤ Vb ≤ 2.7 V
tKCY2/2
-18
tKCY2/2
-18
tKCY2/2
-50
ns
1.8 V ≤ VDD < 3.3 V,
1.6 V ≤ Vb ≤ 2.0 VNote 2
tKCY2/2
-50
tKCY2/2
-50
tKCY2/2
-50
ns
SIp setup time to the
rising of SCKpNote 3
tSIK2
4.0 V ≤ VDD ≤ 5.5 V,
2.7 V ≤ Vb ≤ 4.0 V
1/fMCK
+20
1/fMCK
+20
1/fMCK
+30
ns
2.7 V ≤ VDD < 4.0 V,
2.3 V ≤ Vb ≤ 2.7 V
1/fMCK
+20
1/fMCK
+20
1/fMCK
+30
ns
1.8 V ≤ VDD < 3.3 V,
1.6 V ≤ Vb ≤ 2.0 VNote 2
1/fMCK
+30
1/fMCK
+30
1/fMCK
+30
ns
SIp hold time from the
rising of SCKpNote 3
tKSI2
1/fMCK
+31
1/fMCK
+31
1/fMCK
+31
ns
Delay time from the
falling of SCKp to an
SOp outputNote 4
tKSO2
4.0 V ≤ VDD ≤ 5.5 V,
2.7 V ≤ Vb ≤ 4.0 V,
Cb = 30 pF, Rb = 1.4 kΩ
2/fMCK
+120
2/fMCK
+120
2/fMCK
+573
ns
2.7 V ≤ VDD < 4.0 V,
2.3 V ≤ Vb ≤ 2.7 V,
Cb = 30 pF, Rb = 2.7 kΩ
2/fMCK
+214
2/fMCK
+214
2/fMCK
+573
ns
1.8 V ≤ VDD < 3.3 V,
1.6 V ≤ Vb ≤ 2.0 VNote 2,
Cb = 30 pF, Rb = 5.5 kΩ
2/fMCK
+573
2/fMCK
+573
2/fMCK
+573
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com