công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

R7F100LLL3CFB bảng dữ liệu(PDF) 43 Page - Renesas Technology Corp

tên linh kiện R7F100LLL3CFB
Giải thích chi tiết về linh kiện  RENESAS MCU
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7F100LLL3CFB bảng dữ liệu(HTML) 43 Page - Renesas Technology Corp

Back Button R7F100LLL3CFB Datasheet HTML 39Page - Renesas Technology Corp R7F100LLL3CFB Datasheet HTML 40Page - Renesas Technology Corp R7F100LLL3CFB Datasheet HTML 41Page - Renesas Technology Corp R7F100LLL3CFB Datasheet HTML 42Page - Renesas Technology Corp R7F100LLL3CFB Datasheet HTML 43Page - Renesas Technology Corp R7F100LLL3CFB Datasheet HTML 44Page - Renesas Technology Corp R7F100LLL3CFB Datasheet HTML 45Page - Renesas Technology Corp R7F100LLL3CFB Datasheet HTML 46Page - Renesas Technology Corp R7F100LLL3CFB Datasheet HTML 47Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 148 page
background image
RL78/L23
1. Outline
R01DS0502EJ0110 Rev.1.10
Page 43 of 145
Oct 31, 2025
1.6
Outline of Functions
Caution
This outline describes the functions at the time when the peripheral I/O redirection registers (PIORx)
are set to 00H.
(1/4)
Item
44-pin
48-pin
52-pin
64-pin
80-pin
100-pin
R7F100LFx
R7F100LGx
R7F100LJx
R7F100LLx
R7F100LMx
R7F100LPx
Code flash memory
512 KB (256 KB × 2 banks or a single 512-KB bank)
256 KB (128 KB × 2 banks or a single 256-KB bank)
128 KB (single bank)
64 KB (single bank)
512 KB (256 KB × 2 banks or
a single 512-KB bank)
256 KB (128 KB × 2 banks or
a single 256-KB bank)
128 KB (single bank)
Data flash memory
8 KB
8 KB
8 KB
8 KB
8 KB
8 KB
RAM
16 to 32 KB
16 to 32 KB
16 to 32 KB
16 to 32 KB
16 to 32 KB
16 to 32 KB
Address space
1 MB
CPU/peripheral
hardware clock
frequency (fCLK)
Main system clock
HS (high-speed main) mode: 1 to 32 MHz (VDD = 1.8 to 5.5 V)
HS (high-speed main) mode: 1 to 4 MHzNote 1 (VDD = 1.6 to 5.5 V)
LS (low-speed main) mode: 1 to 24 MHz (VDD = 1.8 to 5.5 V)
LS (low-speed main) mode: 1 to 4 MHzNote 1(VDD = 1.6 to 5.5 V)
LP (low-power main) mode: 1 to 2 MHzNote 2 (VDD = 1.6 to 5.5 V)
Subsystem clock
SUB mode: 32.768 kHz (VDD = 1.6 to 5.5 V)
Main system
clock
High-speed system
clock (fMX)
1 to 20 MHz
High-speed on-chip
oscillator clock (fIH)
1 MHz, 2 MHz, 3 MHz, 4 MHz, 6 MHz, 8 MHz, 12 MHz, 16 MHz, 24 MHz, 32 MHz
Middle-speed on-chip
oscillator clock (fIM)
1 MHz, 2 MHz, 4 MHz
Subsystem
clock
Subsystem clock X
(fSX)
32.768 kHz (VDD = 1.6 to 5.5 V)
Low-speed on-chip
oscillator clock (fIL)
32.768 kHz (typ.)
General-purpose registers
8 bits × 32 registers (8 bits × 8 registers × 4 banks)
Minimum instruction execution time
0.03125 µs (at the 32-MHz operation with the high-speed on-chip oscillator clock (fIH))
Instruction set
• Data transfer (8/16 bits)
• Adder and subtractor/logical operation (8/16 bits)
• Multiplication (8 bits × 8 bits, 16 bits × 16 bits), division (16 bits ÷ 16 bits, 32 bits ÷ 32 bits)
• Multiplication and accumulation (16 bits × 16 bits + 32 bits)
• Rotate, barrel shift, and bit manipulation (set, reset, test, and Boolean operation), etc.
I/O port
Total number of pins
40
44
48
60
76
95
CMOS I/O
35
(N-ch open-
drain I/O [VDD
withstand
voltage]: 24)
39
(N-ch open-
drain I/O [VDD
withstand
voltage]: 27)
43
(N-ch open-
drain I/O [VDD
withstand
voltage]: 29)
53
(N-ch open-
drain I/O [VDD
withstand
voltage]: 35)
68
(N-ch open-
drain I/O [VDD
withstand
voltage]: 42)
87
(N-ch open-
drain I/O [VDD
withstand
voltage]: 57)
CMOS input
3
3333
3
CMOS output
—
———1
1
N-ch open-drain I/O
(withstand voltage:
6 V)
2
2244
4
Controlled current
drive port
4
5688
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com