công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

R7F100LLL3CFB bảng dữ liệu(PDF) 72 Page - Renesas Technology Corp

tên linh kiện R7F100LLL3CFB
Giải thích chi tiết về linh kiện  RENESAS MCU
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7F100LLL3CFB bảng dữ liệu(HTML) 72 Page - Renesas Technology Corp

Back Button R7F100LLL3CFB Datasheet HTML 68Page - Renesas Technology Corp R7F100LLL3CFB Datasheet HTML 69Page - Renesas Technology Corp R7F100LLL3CFB Datasheet HTML 70Page - Renesas Technology Corp R7F100LLL3CFB Datasheet HTML 71Page - Renesas Technology Corp R7F100LLL3CFB Datasheet HTML 72Page - Renesas Technology Corp R7F100LLL3CFB Datasheet HTML 73Page - Renesas Technology Corp R7F100LLL3CFB Datasheet HTML 74Page - Renesas Technology Corp R7F100LLL3CFB Datasheet HTML 75Page - Renesas Technology Corp R7F100LLL3CFB Datasheet HTML 76Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 148 page
background image
RL78/L23
2. Electrical Characteristics
R01DS0502EJ0110 Rev.1.10
Page 72 of 145
Oct 31, 2025
3. Peripheral functions (common to all products)
(TA = -40 to +105°C, 1.6 V ≤ VDD ≤ 5.5 V, VSS = EVSS = 0 V)
(1/3)
Item
Symbols
Conditions
Min.
Typ.
Max.
Unit
High-speed
on-chip oscillator
operating current
IFIHNote 1
345
µA
Middle-speed
on-chip oscillator
operating current
IFIMNote 1
20
µA
Low-speed
on-chip oscillator
operating current
IFILNote 1
0.3
µA
RTC operating
current
IRTC
Notes 1, 2, 3
fRTCCLK = 32.768 kHz
0.005
µA
fRTCCLK = 128 Hz
0.002
µA
32-bit interval
timer operating
current
IIT
Notes 1, 2, 4
0.04
µA
8-bit interval
timers operating
current
ITMT
Notes 1, 2, 5
fSUB = 32.768 kHz,
fMAIN stopped
8-bit counter mode × 2 ch operation
0.08
µA
16-bit counter mode operation
0.06
µA
Timer RJ
operating current
ITMRJNote 6 fSUB = 32.768 kHz, fMAIN stopped, per unit
0.14
µA
16-bit timers
KB40, KB41, and
KB42 operating
current
ITMKBNote 7 Standalone
mode, timer
output
disabled,
fHOCO = 64
MHz
44- to 64-pin products with 64- to 128-Kbyte code
flash memory, one unit
235
µA
44- to 64-pin products with 256- to 512-Kbyte code
flash memory and 80- to 100-pin products, three units
530
µA
External signal
sampler operating
current
IEXSDNote 8 fSUB = 32.768 kHz, fMAIN stopped
0.03
µA
Watchdog timer
operating current
IWDT
Notes 1, 2, 9
fIL = 32.768 kHz (typ.)
0.32
µA
Oscillation stop
detector operating
current
IOSDC
Note 1
0.02
µA
A/D converter
operating current
IADC
Notes 1, 10
When conversion at
maximum speed
Normal mode, AVREFP = VDD = 5.0 V
0.95
1.6
mA
Low voltage mode, AVREFP = VDD = 3.0 V
0.5
0.75
mA
AVREFP current
IADREF
Note 11
AVREFP = 5.0 V
52
µA
A/D converter
internal reference
voltage current
IADREF
Note 1
114
µA
Temperature
sensor operating
current
ITMPSNote 1
110
µA
D/A converter
operating current
IDAC
Notes 1, 12
Per channel
150
µA
Comparator
operating current
ICMP
Notes 1, 13
6µA
LVD operating
current
ILVD0
Notes 1, 14
0.02
µA
ILVD1
Notes 1, 14
0.02
µA
<R>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com